Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT1110 Datasheet(PDF) 13 Page - Advanced Analog Technology, Inc.

Part # AAT1110
Description  ONE-CHANNEL STEP-DOWN PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT1110 Datasheet(HTML) 13 Page - Advanced Analog Technology, Inc.

Back Button AAT1110 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 15Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 16Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 17Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Advanced Analog Technology, Inc.
–
台灣類比科技股份有限公司 –
–
Advanced Analog Technology, Inc. –
Page 13 of 17
V 1.0
AAT1110
Package Dimension
TSSOP-8
DIMENSION IN MILLIMETERS
DIMENSION IN INCHES
SYMBOL
MIN
TYP
MAX
MIN
TYP
MAX
A
1.05
1.10
1.20
0.041
0.043
0.047
A1
0.05
0.10
0.15
0.002
0.004
0.006
A2
-----
1.00
1.05
-----
0.039
0.041
b
0.25
-----
0.30
0.010
-----
0.012
C
-----
0.127
-----
-----
0.005
-----
D
2.90
3.05
3.10
0.114
0.120
0.122
E
6.20
6.40
6.60
0.244
0.252
0.260
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
-----
0.65
-----
-----
0.026
-----
L
0.50
0.60
0.70
0.020
0.024
0.028
y
-----
-----
0.076
-----
-----
0.003
θ
o
0
o
4
o
8
o
0
o
4
o
8
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS.
2. LEAD FRAME MATERIAL: OLIN C7025/EFTEC 64T.
3. DIMENSION “D” DOES NOT INCLUDE MOLD FLASH, TIE BAR BURRS AND GATE BURRS. MOLD FLASH, TIE BAR BU
0.006” [0.15 MILLIMETERS] PER END. DIMENSION “E1” DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLA
MILLIMETERS] PER SIDE.
4. DIMENSION “b” DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.00
“b” DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS O
PROTRUSION AND AN ADJACENT LEAD TO BE 0.0028” [0.07 MILLIMETERS].
5. TOLERANCE:
± 0.010” [0.25 MILLIMETERES] UNLESS OTHERWISE SPECIFIED.
6. OTHERWISE DIMENSION FOLLOW ACCEPTABLE SPEC.
7. REFERENCE DOCUMENT: JEDEC SPEC MO-153.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com