Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BISC-131-05/L Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BISC-131-05/L
Description  LF (70/455 kHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BISC-131-05/L Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BISC-131-05/L Datasheet HTML 1Page - Balluff Korea Ltd. BISC-131-05/L Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LF (70/455 kHz)
BIS C-131-05/L
Order Code: BIS001Y
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-02
Subject to change without notice: 121588
ETIM 6.0: EC002996
BIS001Y_1.18_2021-07-14
1 / 2
1) Sensing surface, 2) Clear zone
Basic features
Antenna type
round
Approval/Conformity
CE
cULus
EAC
WEEE
EN 55011
Size 1, Cl. A
Principle of operation
Data carrier
Electrical data
Memory organization
32 × 8 bits
Programming cycles
up to 30 °C: 1,000,000
up to 70 °C: 500,000
Programming time
for 1x8 bits: 0.3s
for 32x8 bits: 0.6s
Read cycles
Unlimited
Read time
for 32x8 bits: 0.19 s
Environmental conditions
Ambient temperature
-30...70 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP67
Storage temperature
-30...85 °C
Functional Characteristics
Memory type
EEPROM
User data, read/write
1023 Byte
Functional safety
MTTF (40 °C)
740 a
Material
Housing material
POM
Mechanical data
Application weight
80.00 g
Dimension
Ø 125 x 7 mm
Installation
metal-free (clear zone)


Similar Part No. - BISC-131-05/L

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BISC-130-05/L-SA1 BALLUFF-BISC-130-05/L-SA1 Datasheet
100Kb / 2P
LF (70/455 kHz)
BISC-130-05/L-SA2 BALLUFF-BISC-130-05/L-SA2 Datasheet
105Kb / 2P
LF (70/455 kHz)
BISC-134-11/L BALLUFF-BISC-134-11/L Datasheet
103Kb / 2P
LF (70/455 kHz)
1.18_2021-05-08
More results

Similar Description - BISC-131-05/L

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS00L4 BALLUFF-BIS00L4 Datasheet
175Kb / 3P
LF (70/455 kHz)
BAE0095 BALLUFF-BAE0095 Datasheet
91Kb / 1P
LF (70/455 kHz)
BAE0096 BALLUFF-BAE0096 Datasheet
91Kb / 1P
LF (70/455 kHz)
BAM012C BALLUFF-BAM012C Datasheet
103Kb / 1P
LF (70/455 kHz)
BIS000K BALLUFF-BIS000K Datasheet
112Kb / 2P
LF (70/455 kHz)
BIS000M BALLUFF-BIS000M Datasheet
102Kb / 2P
LF (70/455 kHz)
BIS000N BALLUFF-BIS000N Datasheet
104Kb / 2P
LF (70/455 kHz)
BIS00AZ BALLUFF-BIS00AZ Datasheet
142Kb / 3P
LF (70/455 kHz)
BIS00J4 BALLUFF-BIS00J4 Datasheet
108Kb / 2P
LF (70/455 kHz)
BIS00N7 BALLUFF-BIS00N7 Datasheet
139Kb / 3P
LF (70/455 kHz)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com