Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BIS01EH Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BIS01EH
Description  LF (125 kHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS01EH Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BIS01EH Datasheet HTML 1Page - Balluff Korea Ltd. BIS01EH Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LF (125 kHz)
BIS L-404-035-001-00-S115-SA1
Order Code: BIS01EH
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 279562
ETIM 6.0: EC002998
BIS01EH_0.34_2021-08-26
1 / 2
1) Sensing surface, 2) Clear zone, 3) Tightening torque
Basic features
Antenna type
round
Approval/Conformity
CE
cULus
EAC
WEEE
Principle of operation
Read/write device
Electrical connection
Cable length L
5 m
Connection
(RS232/TP OUT): 8-pin
Connection type
Leads, 5 m, PU
Electrical data
Control output
1 PNP
Current consumption max. at 24 V DC 50 mA
EN 300330-1
Power Class 3
Operating voltage Ub
19.2...26.4 VDC
Residual ripple max.
included
Environmental conditions
Ambient temperature
0...70 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP67
Storage temperature
-20...85 °C
Interface
Interface
RS232
Material
Housing material
ABS, Interface PBT
Material jacket
PU


Similar Part No. - BIS01EH

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS01E0 BALLUFF-BIS01E0 Datasheet
111Kb / 2P
UHF (860...960 MHz)
BIS01E1 BALLUFF-BIS01E1 Datasheet
104Kb / 2P
LF (70/455 kHz)
BIS01E2 BALLUFF-BIS01E2 Datasheet
124Kb / 2P
Smart Automation and Monitoring System
BIS01E5 BALLUFF-BIS01E5 Datasheet
118Kb / 2P
Smart Automation and Monitoring System
BIS01E6 BALLUFF-BIS01E6 Datasheet
119Kb / 2P
Smart Automation and Monitoring System
More results

Similar Description - BIS01EH

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS00K0 BALLUFF-BIS00K0 Datasheet
175Kb / 7P
LF (125 kHz)
BIS00KJ BALLUFF-BIS00KJ Datasheet
93Kb / 1P
LF (125 kHz)
BIS00KK BALLUFF-BIS00KK Datasheet
94Kb / 1P
LF (125 kHz)
BCC00R3 BALLUFF-BCC00R3 Datasheet
92Kb / 1P
LF (125 kHz)
BIS00CC BALLUFF-BIS00CC Datasheet
192Kb / 4P
LF (125 kHz)
BIS00CN BALLUFF-BIS00CN Datasheet
191Kb / 3P
LF (125 kHz)
BIS00CU BALLUFF-BIS00CU Datasheet
191Kb / 3P
LF (125 kHz)
BIS003C BALLUFF-BIS003C Datasheet
105Kb / 2P
LF (125 kHz)
BIS003L BALLUFF-BIS003L Datasheet
103Kb / 1P
LF (125 kHz)
BIS003T BALLUFF-BIS003T Datasheet
93Kb / 2P
LF (125 kHz)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com