Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8570 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8570
Description  Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8570 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8570 Datasheet HTML 9Page - Analog Devices LT8570 Datasheet HTML 10Page - Analog Devices LT8570 Datasheet HTML 11Page - Analog Devices LT8570 Datasheet HTML 12Page - Analog Devices LT8570 Datasheet HTML 13Page - Analog Devices LT8570 Datasheet HTML 14Page - Analog Devices LT8570 Datasheet HTML 15Page - Analog Devices LT8570 Datasheet HTML 16Page - Analog Devices LT8570 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT8334
13
Rev. 0
For more information www.analog.com
APPLICATION CIRCUITS
The LT8334 can be configured for different topologies.
The first topology to be analyzed will be the boost con-
verter, followed by the SEPIC and inverting converters.
Boost Converter: Switch Duty Cycle
The LT8334 can be configured as a boost converter for
the applications where the converter output voltage is
higher than the input voltage. Remember that boost con-
verters are not short-circuit protected. Under a shorted
output condition, the inductor current is limited only by
the input supply capability. For applications requiring a
step-up converter that is short-circuit protected, please
refer to the Applications Information section covering
SEPIC converters.
The conversion ratio as a function of duty cycles is given
by Equation 8.
VOUT
VIN
=
1
1 − D
(8)
in continuous conduction mode (CCM).
For a boost converter operating in CCM, the duty cycle
of the main switch can be calculated based on the output
voltage (VOUT) and the input voltage (VIN). The maximum
duty cycle (DMAX) occurs when the converter has the min-
imum input voltage (Equation 9).
DMAX =
VOUT − VIN(MIN)
VOUT
(9)
Discontinuous conduction mode (DCM) provides higher
conversion ratios at a given frequency at the cost of
reduced efficiencies, higher switching currents, and lower
available output power.
Boost Converter: Maximum Output Current Capability
and Inductor Selection
For the boost topology, the maximum average inductor
current is given by Equation 10.
IL(MAX)(AVG)= IO(MAX) •
1
1
− DMAX
•
1
η
(10)
where η (< 1.0) is the converter efficiency.
Due to the current limit of its internal power switch, the
LT8334 should be used in a boost converter whose max-
imum output current (IO(MAX)) is given by Equation 11.
IO(MAX) ≤
VIN(MIN)
VOUT
• 5A
− 0.5 • ΔISW
(
) • η (11)
Minimum possible inductor value and switching fre-
quency should also be considered since they will increase
inductor ripple current ∆ISW.
The inductor ripple current ∆ISW has a direct effect on
the choice of the inductor value and the converter’s max-
imum output current capability. Choosing smaller values
of ∆ISW increases output current capability but requires
large inductances and reduces the current loop gain (the
converter will approach voltage mode). Accepting larger
values of ∆ISW provides fast transient response and
allows the use of low inductances but results in higher
input current ripple and greater core losses and reduces
output current capability. It is recommended to choose a
∆ISW of approximately 1.85A.
Given an operating input voltage range, and having cho-
sen the operating frequency and ripple current in the
inductor, the inductor value of the boost converter can
be determined with Equation 12.
L =
VIN(MIN)
ΔISW • fOSC
• DMAX
(12)
The peak inductor current is the switch current limit (max-
imum 7.8A), and the RMS inductor current is approxi-
mately equal to IL(MAX)(AVG).
Choose an inductor that can handle at least 7.8A with-
out saturating and ensure that the inductor has a low
DCR (copper wire resistance) to minimize I2R power
losses. Note that in some applications, the current han-
dling requirements of the inductor can be lower, such as
in the SEPIC topology where each inductor only carries
one-half of the total switch current. For better efficiency,
use similar valued inductors with a larger volume. Many
different sizes and shapes are available from various man-
ufacturers (see Table 2). Choose a core material that has
low losses at the programmed switching frequency, such
as a ferrite core. The final value chosen for the inductor
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com