Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4282 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC4282
Description  High Power Negative Voltage Hot Swap Controller with Energy Monitor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4282 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC4282 Datasheet HTML 17Page - Analog Devices LTC4282 Datasheet HTML 18Page - Analog Devices LTC4282 Datasheet HTML 19Page - Analog Devices LTC4282 Datasheet HTML 20Page - Analog Devices LTC4282 Datasheet HTML 21Page - Analog Devices LTC4282 Datasheet HTML 22Page - Analog Devices LTC4282 Datasheet HTML 23Page - Analog Devices LTC4282 Datasheet HTML 24Page - Analog Devices LTC4282 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
LTC4284
21
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 2b. –48V/1200W Dual-Feed Hot Swap Controller with LTC4284 in Parallel Mode (Part Two)
M2A
PSMN4R8-100BSE
M2B
PSMN4R8-100BSE
M1A
PSMN4R8-100BSE
M1B
PSMN4R8-100BSE
RG1A
10
RG2
470
RG1B
10
RG2A
10
RG2B
10
RD
100k
RDT
200k
1%
CG1
100nF
RG2
470
CG2
100nF
CL
1000µF
RDB
5.11k
1%
QIN
BCP56
RZ
100k
CVCC
1µF
R13
5.1k
R14
5.1k
R15
5.1k
R16
5.1k
R17
5.1k
R18
5.1k
Q5
HCPL-0300
Q6
6N139
R19
5.1k
Q7
MOC207
Q10
6N139
R22
5.1k
Q8
Q9
R20
0.51k
R21
0.51k
RL
343
7 × 2.4k, 0805
EACH 28.7W
MBRM5100
4284 F02b
INTVCC
GATE1
GATE2
DRAIN
VZ
VIN
SCL
SDAI
SDAO
ALERT#
PGIO4
LTC4284
DRNS
A
B
C
VEE
PGIO3
PGIO1
PGIO2
CASE
VIN–
VOUT–
VOUT–
VIN–
VOUT+
VIN+
VOUT+
VIN+
FLTR100V10
FILTER
MODULE
CASE
JW050A1-E
POWER
MODULE
ON
VDD
GND
RST
LTC2900
VDD
MICRO-
CONTROLLER
SCL
SDA
ALERT RST
HCPL-
2630
DUAL
100V
OV TRANSIENT
RESEVOIR
CAPACITOR
VEE
VEE
VEE
VEE
VEE
VEE
GND
VEE
VOUT
VLOAD
+
–
CIN
0.1µF
CZ
0.1µF
RTN
–48V
RZ
1M
CZ
0.1µF
CIN
0.1µF
MIN
IXTY08N100D2
VZ
VIN
LTC4284
4284 F03
VEE
DEPLETION-
MODE
–48V
CIN
0.1µF
VZ
VIN
LTC4284
VEE
VEE
EXTERNAL
12V
SUPPLY*
VEE
4284 F04
*MUST COMPLY WITH MAXIMUM
RATING OF VIN PIN
on (without additional delay) when the ON bit is set to 1
through the I2C interface. When all turn-on conditions are
satisfied, the FET_ON_STATUS bit in SYSTEM_STATUS
register 0x00 is set to 1, indicating the MOSFETs are com-
manded on.
The turn-on sequence continues by charging up the
GATEs with 50μA current sources. When the GATE volt-
age reaches the MOSFET threshold voltage, the MOSFET
begins to turn on and the inrush current charges the
load capacitor CL to ramp the MOSFET drain towards
VEE in a controlled manner (see Inrush Control). When
the MOSFET drain is ramped down to VEE or the out-
put is ramped up to the supply voltage, the GATEs are
pulled up to VIN and the MOSFETs are fully enhanced. The
GATE1_HIGH and GATE2_HIGH bits in SYSTEM_STATUS
register 0x00 are set when GATE1 and GATE2 are above
VIN – 1.8V. Figure 5 illustrates the startup sequence of the
LTC4284 in parallel mode.
Figure 3. The LTC4284 Can Operate to >300V
Using a Depletion Mode N-Channel MOSFET
Figure 4. Using an External 12V Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com