Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162IUFD-FSTM#PBF Datasheet(PDF) 8 Page - Analog Devices

Part # LTC4162IUFD-FSTM#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162IUFD-FSTM#PBF Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC4162IUFD-FSTM#PBF Datasheet HTML 4Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 5Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 6Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 7Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 8Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 9Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 10Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 11Page - Analog Devices LTC4162IUFD-FSTM#PBF Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
8
LTC4162-F
Rev A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
3.3Ah 2-Cell Battery Charge
Current and Voltage vs Time
400mAh 2-Cell Battery Rapid
Charge Current and Voltage vs Time
Charge Current During BSR
Measurement Cycle
Light to Dark Solar Panel Tracking
Solar Panel Global Sweep
0.0
0.5
1.0
1.5
2.0
TIME (H)
0.0
0.8
1.6
2.4
3.2
4.0
IN
V = 18V
CHARGE
CURRENT
BATTERY VOLTAGE
1 HOUR CV TIMER
TERMINATION
1 HOUR CV TIMER
TERMINATION
1 HOUR CV TIMER
TERMINATION
1 HOUR CV TIMER
TERMINATION
5.0
5.5
6.0
6.5
7.0
7.5
4162F G10
0.0
0.5
1.0
1.5
2.0
TIME (H)
0.0
0.3
0.6
0.9
1.2
1.5
1.8
IN
V = 12V
CHARGE
CURRENT
BATTERY
VOLTAGE
1 HOUR CV TIMER
TERMINATION
1 HOUR CV TIMER
TERMINATION
1 HOUR CV TIMER
TERMINATION
1 HOUR CV TIMER
TERMINATION
15 MINUTE ABSORB
TERMINATION
15 MINUTE ABSORB
TERMINATION
15 MINUTE ABSORB
TERMINATION
15 MINUTE ABSORB
TERMINATION
5.7
6.0
6.3
6.6
6.9
7.2
7.5
4162F G11
0
10
20
30
40
50
TIME (ms)
−1
0
1
2
3
4
5
OPEN CIRCUIT BATTERY
VOLTAGE MEASUREMENT
ca. THIS TIME POINT
OPEN CIRCUIT BATTERY
VOLTAGE MEASUREMENT
ca. THIS TIME POINT
OPEN CIRCUIT BATTERY
VOLTAGE MEASUREMENT
ca. THIS TIME POINT
OPEN CIRCUIT BATTERY
VOLTAGE MEASUREMENT
ca. THIS TIME POINT
4162F G13
0
100
200
300
400
500
TIME (s)
0
5
10
15
20
25
30
35
PANEL
VOLTAGE
PANEL
CURRENT
1 CELL
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
4162F G14
0.0
0.6
1.2
1.8
2.4
3.0
TIME (s)
0
3
6
9
12
15
18
21
24
0.00
0.15
0.30
0.45
0.60
0.75
0.90
1.05
1.20
4162F G15
PANEL
VOLTAGE
PANEL
CURRENT
Example Power Path Handover
0
20
40
60
80
100
TIME (µs)
0
5
10
15
20
25
BATFET
INFET
4162F G12
VBATSENS+ = 15V
VIN = 15V TO 15.5V
QGS = 6nC
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com