Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4151 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4151
Description  Negative Voltage Hot Swap Controller with Energy Monitor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4151 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4151 Datasheet HTML 9Page - Analog Devices LTC4151 Datasheet HTML 10Page - Analog Devices LTC4151 Datasheet HTML 11Page - Analog Devices LTC4151 Datasheet HTML 12Page - Analog Devices LTC4151 Datasheet HTML 13Page - Analog Devices LTC4151 Datasheet HTML 14Page - Analog Devices LTC4151 Datasheet HTML 15Page - Analog Devices LTC4151 Datasheet HTML 16Page - Analog Devices LTC4151 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
LTC4283
13
Rev. B
For more information www.analog.com
PIN FUNCTIONS
ADIN1 – ADIN4 (Pins 7 – 10): ADC Inputs. A single-ended
voltage between 0V and 2.048V applied to each ADIN
is measured by the on-chip ADC. Two differential volt-
ages ADIN2 – ADIN1 and ADIN4 – ADIN3, if enabled, are
also measured by the ADC with a full scale of 32.768mV.
Connect to VEE if unused.
ADIO1 – ADIO4 (Pins 20 – 23): General Purpose Inputs/
Outputs and ADC Inputs. Configurable to logic inputs and
general purpose outputs (open-drain). See Table 13 for
details. The single-ended voltages at ADIOs are measured
by the ADC with a full scale of 2.048V. The differential volt-
ages ADIO2 – ADIO1 and ADIO4 – ADIO3, if enabled, are
also measured by the ADC with a full scale of 32.768mV.
Connect to VEE if unused.
ADR0, ADR1 (Pin 33, Pin 34): Serial Bus Address Inputs.
Connecting to VEE, OPEN or INTVCC configures one of nine
possible addresses, with one dedicated to the single-wire
broadcast mode. Do not bias with an external supply. See
Table 1 in Applications Information for address decoding.
ALERT# (Pin 29): Fault Alert Output. Open-drain logic
output that pulls to VEE when a fault occurs to alert the
host controller. A fault alert is enabled by the FAULT_
ALERT and ADC_ALERT registers. See Tables 15 and 16
in Applications Information for details. Connect to VEE if
unused.
DRAIN (Pin 15): Drain Sense Input. Connect an external
100k resistor between this pin and the drain terminal of
the N-channel MOSFET. A DRAIN voltage below 2.048V is
one of the conditions to assert power good outputs. When
DRAIN voltage is above a voltage configurable between
72mV and 203mV, the FET Bad fault timer is started and
the TMR output current is enabled when not in current
limit. DRAIN is internally clamped to a minimum of 3.2V.
DRNS (Pin 16): Attenuated Drain Sense Input. Connect to
the tap of an external resistive divider between the drain
terminal of the N-channel MOSFET and VEE to monitor
the drain voltage. DRNS coupled with RTNS monitors the
output voltage for the load, which controls dV/dt inrush
current and current limit foldback. DRNS operates from
0 to 2.8V. Connect to VEE if unused.
EN# (Pin 1): Device Enable Input. Pull low to enable the
GATE output to turn-on after a startup debounce delay.
When pulled high, GATE is turned off. A high-to-low tran-
sition clears faults. Transitions are recorded. Requires
external pull-up. Debouncing with an external capacitor
is recommended when used to monitor board present.
Connect to VEE if unused.
Exposed Pad (Pin 39): Exposed Pad may be left open or
connected to device ground (VEE).
GATE (Pin 14): N-Channel MOSFET Gate Drive Output.
GATE is pulled high by internal current sources (>80μA)
when VIN and INTVCC cross the UVLO thresholds, UV and
OV conditions are satisfied, no other faults are present
and the debounce delay expires. The GATE voltage higher
than VIN – 1.8V satisfies one of the conditions to assert
power good outputs. Upon a low impedance output short,
a 2.3A fast pull-down current is immediately activated.
INTVCC (Pin 36): 5V Internal Supply Output. The output of
the internal linear regulator sources up to 30mA with an
UVLO threshold of 4V. The supply powers the data con-
verters, logic control circuitry, I2C interface and EEPROM.
Bypass with 1μF capacitor to VEE. INTVCC is not current
limited. When driving INTVCC with an external supply, VIN
and VZ must be left open or connected to INTVCC.
OV (Pin 4): Overvoltage Detection Input. Connect to an
external resistive divider from VEE. When OV is above its
threshold of 1.406V, the GATE output pulls low to turn
off the MOSFET and an overvoltage fault is recorded. The
overvoltage fault does not affect the status of the power
good outputs. Connect to VEE if unused.
PGIO1, PGIO2 (Pin 24, Pin 25): General Purpose
Inputs/Outputs. Configurable to sequenced, inverted
and non-inverted power good outputs, general purpose
logic inputs and open-drain outputs. See Table  12 in
Application Information for details. If the PGIO2_ACLB
bit in CONTROL_1 register 0x0A is set, PGIO2 is config-
ured as inverted current limit engagement indicator after
startup. Connect to VEE if unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com