Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBM-40C Datasheet(PDF) 4 Page - CUI INC

Part # CBM-40C
Description  DC BLOWER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CBM-40C Datasheet(HTML) 4 Page - CUI INC

  CBM-40C Datasheet HTML 1Page - CUI INC CBM-40C Datasheet HTML 2Page - CUI INC CBM-40C Datasheet HTML 3Page - CUI INC CBM-40C Datasheet HTML 4Page - CUI INC CBM-40C Datasheet HTML 5Page - CUI INC CBM-40C Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
date 05/13/2021
│ page 4 of 6
CUI Devices
│ SERIES: CBM-40C │ DESCRIPTION: DC BLOWER
cuidevices.com
MECHANICAL
parameter
conditions/description
min
typ
max
units
motor
4 pole DC brushless
bearing system
omniCOOL™
direction of rotation
counter-clockwise viewed from front of fan blade
dimensions
39.5 x 39.5 x 10
mm
material
PBT (UL94V-0)
weight
11.8
g
MECHANICAL DRAWING
WIRE CONNECTIONS
Wire Color
Function
Red
+Vin
Black
-Vin
Yellow10
Tach Signal
MOUNTING SCREW (Pan Head)
Screw Type
Size
Standard
Torque
Machine Screw
M2
JIS B1111-1974 1~2 kgf-cm
units: mm
wire: UL 1061, 26 AWG
Notes:
10. Wires only present on versions with output signals.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com