Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN7293NFBQ Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AN7293NFBQ
Description  FM-IF, NC, MPX IC for Car Radio
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7293NFBQ Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AN7293NFBQ Datasheet HTML 1Page - Panasonic Semiconductor AN7293NFBQ Datasheet HTML 2Page - Panasonic Semiconductor AN7293NFBQ Datasheet HTML 3Page - Panasonic Semiconductor AN7293NFBQ Datasheet HTML 4Page - Panasonic Semiconductor AN7293NFBQ Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ICs for FM/AM Tuner
AN7293NFBQ
3
s Electrical Characteristics at Ta = 25°C
Unless otherwise specified, VCC = 8V, VIN1 is f = 10.70 MHz, Mod. = 1 kHz, 30%
FM modulation stereo input is L
+ R = 90% V
P = 10%
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Control voltage (1)
VC1
Without signal input, pin 30 DC voltage
0.0
0.3
0.9
V
Control voltage (2)
VC2
VIN1 = 40 dBµ, pin 30 DC voltage
0.6
1.3
1.6
V
Control voltage (3)
VC3
VIN1 = 70 dBµ, pin 30 DC voltage
2.4
3.1
3.8
V
Control voltage (4)
VC4
VIN1 = 100 dBµ, pin 30 DC voltage
4.5
5.3
5.8
V
Control voltage (5)
VC5
VC5 = VC3 − VC2
1.8
2.0
2.2
V
Control voltage (6)
VC6
VC6 = VC4 − VC3
1.85
2.05
2.25
V
Output level L-channel
VOL
VIN1 = 70 dBµ, pin 6 AC voltage
85
105
125
mV[rms]
Output level R-channel
VOR
VIN1 = 70 dBµ, pin 5 AC voltage
85
105
125
mV[rms]
Channel balance
CB
CB
= 20·log (V
OL/VOR)
−1.0
0
1.0
dB
Residual pilot voltage
VPC
VP = 10% modulation, VIN1 = 70 dBµ,
414
mV[rms]
pin 18 output voltage
Stereo lamp light up level
LAMPON 19 kHz modulation, Modulation factor
1.3
4.0
6.3
%
at which pin 19 becomes under 1 V
Separation L-channel
SepL
L
+R = 90%, V
P = 10%
25
33
dB
Larger separation value after
Separation R-channel
SepR
changing over pin 3 external resistor
25
33
dB
Capture range
CR
Modulation at VP = 6.5%
±0.4
±0.7
%
Referred to 19 kHz
Counter output level (1)
VIF1
VIN1 = 100 dBµ, V20 = 2 V
135
155
175
mV[rms]
pin 19 output voltage
Counter output level (2)
VIF2
VIN1 = 100 dBµ, V20 = 5 V
0
2
5
mV[rms]
pin 19 output voltage
Monaural THD (L)
THDL
VIN2 monaural input, 500 mV[0-p]
0.1
0.3
%
1 kHz, L-ch. output distortion factor
Monaural THD (R)
THDR
VIN2 monaural input, 500 mV[0-p]
0.1
0.3
%
1 kHz, R-ch. output distortion factor
Stereo THD (L)
THDSTL
VIN2 stereo input, 500 mV[0-p]
0.1
0.3
%
1 kHz, L-ch. output distortion factor
Stereo THD (R)
THDSTR VIN2 stereo input, 500 mV[0-p]
0.1
0.3
%
1 kHz, R-ch. output distortion factor
PNL-AGC voltage (1)
VAGC1
VIN2 = Without input
1.2
1.4
1.7
V
pin 15 DC voltage
PNL-AGC voltage (2)
VAGC2
VIN2 = 100 mV, f = 100 kHz input
0.1
0.35
0.60
V
Difference from VAGC1
Residual noise voltage
VNR
VIN2 = (pulse width 10 µs, 1 V[p-p]
0.0
0.2
0.7
mV[rms]
1 kHz) L-ch. output



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com