Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN7293NSC Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN7293NSC
Description  FM-IF, NC, MPX IC for car radio
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7293NSC Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN7293NSC Datasheet HTML 1Page - Panasonic Semiconductor AN7293NSC Datasheet HTML 2Page - Panasonic Semiconductor AN7293NSC Datasheet HTML 3Page - Panasonic Semiconductor AN7293NSC Datasheet HTML 4Page - Panasonic Semiconductor AN7293NSC Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AN7293NSC
ICs for FM/AM Tuner
2
s Pin Description
Pin No.
Description
17
Band signal output/band mute SW
18
PNL low-pass filter
19
PNL AGC
20
PNL input
21
Detection output
22
PNL output hold
23
SD/FM-IF counter output/stereo indicator
24
SD sensitivity adjustment
25
AFC voltage
26
VCC
27
FM detection
28
Soft mute adjustment
29
GND
30
VREF
31
IF bypass
32
IF input
Pin No.
Description
1
Control voltage adjustment
2
Control voltage
3
Multiple-path noise input
4
Multiple-path detection
5
ASC adjustment/forced monaural
6
ATC adjustment
7
Separation adjustment
8
ATC low-pass filter
9
R-channel output
10
L-channel output
11
Mute voltage
12
Pilot detection low-pass filter
13
PLL low-pass filter
14
PLL low-pass filter
15
VCO
16
Pilot cancel control low-pass filter
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
9.1
V
Supply current
ICC
45
mA
Power dissipation *
2
PD
380.2
mW
Operating ambient temperature *
1
Topr
−30 to +80
°C
Storage temperature *
1
Tstg
−55 to +125
°C
s Absolute Maximum Ratings
Note) *1: Ta = 25°C except power dissipation, operating ambient temperature and storage temperature.
*2: Ta = 80°C
s Recommended Operating Range
Parameter
Symbol
Range
Unit
Supply voltage
VCC
7.2 to 9.0
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com