Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7641AN Datasheet(PDF) 9 Page - Exar Corporation

Part # MP7641AN
Description  8-Channel Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Port
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7641AN Datasheet(HTML) 9 Page - Exar Corporation

Back Button MP7641AN Datasheet HTML 5Page - Exar Corporation MP7641AN Datasheet HTML 6Page - Exar Corporation MP7641AN Datasheet HTML 7Page - Exar Corporation MP7641AN Datasheet HTML 8Page - Exar Corporation MP7641AN Datasheet HTML 9Page - Exar Corporation MP7641AN Datasheet HTML 10Page - Exar Corporation MP7641AN Datasheet HTML 11Page - Exar Corporation MP7641AN Datasheet HTML 12Page - Exar Corporation MP7641AN Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
MP7641
9
Rev. 2.00
THEORY OF OPERATION
The MP7641 is equipped with a serial data 3-wire standard
µ-processor logic interface to reduce pin count, package size,
and board wire (space). This interface consists of LD which con-
trols the transfer of data to the selected DAC channel, SDI (serial
data/address input), CLK (shift register clock) and SDO (serial
data output). When the LD signal is high, CLK signal loads the
digital input bits (SDI) into the 12-bit shift register (4 bits address
A3 to A0, then 8 bits data D7 to D0). The LD signal going low
loads this data into the selected DAC. The LD signal going low
also disables the serial data input (SDI), output (SDO 3-stated)
and the CLK input. This design tremendously reduces digital
noise, and glitch transients into the DACs due to free running
CLK and SDI. Also, 3-stating the SDO output with LD signal
would allow read back of pre-stored digital data of the selected
package using one SDO wire for all DAC ICs on the board. Note
also that the reset signal (RST) resets all analog outputs to 1/2 of
VREF, regardless of any digital inputs. Note that the input VRi is
referenced to AGND.
Function
A3 A2 A1 A0
LD
CLK
RST
Shift Data In
and Out
XX
X
X
1
0
→1
1
Repeat
Load DACs
DAC 0
0
0
0
1
DAC 1
0
0
1
0
DAC 2
0
0
1
1
DAC 3
0
1
0
0
DAC 4
0
1
0
1
DAC 5
0
1
1
0
DAC 6
0
1
1
1
DAC 7
1
0
0
0
1
→0
1
→0
1
→0
1
→0
1
→0
1
→0
1
→0
X
X
X
X
X
X
X
X
1
1
1
1
1
1
1
1
Reset all DACs to
VREF/2
XX
X
X
X
X
0
Table 1. Digital Function Truth Table
Serial In/Serial Out
11
1
0
11
1
1
1
1
No Operation
No Operation
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
MSB
LSB
DAC Output Voltage
VOi = AGND + (VRi – AGND) (
)
D
256
0000
0
0
0
0
AGND
(
1
)
256
1111
1
1
1
0
1111
1
1
1
1
000
Table 2. DAC Transfer Function
Analog Output vs. Digital Code
00
0
0
1
1
→0
X
X
X
X
X
SDI
Data Input
Valid
X
X
X
X
X
X
X
X
X
X
X
SDO
Data Output
Valid
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
0
0
0
0
No Operation
Stop Shifting
Data In and
Out
XX
X
X
0
1
Hi-Z
XX
X
No Operation
(VRi – AGND)
+ AGND
()
256
(VRi – AGND)
+ AGND
()
256
(VRi – AGND)
+ AGND
255
254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com