Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26LS31MJ Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26LS31MJ
Description  QUAD HIGH SPEED DIFFERENTIAL LINE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26LS31MJ Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS26LS31MJ Datasheet HTML 1Page - National Semiconductor (TI) DS26LS31MJ Datasheet HTML 2Page - National Semiconductor (TI) DS26LS31MJ Datasheet HTML 3Page - National Semiconductor (TI) DS26LS31MJ Datasheet HTML 4Page - National Semiconductor (TI) DS26LS31MJ Datasheet HTML 5Page - National Semiconductor (TI) DS26LS31MJ Datasheet HTML 6Page - National Semiconductor (TI) DS26LS31MJ Datasheet HTML 7Page - National Semiconductor (TI) DS26LS31MJ Datasheet HTML 8Page - National Semiconductor (TI) DS26LS31MJ Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MILITARY DATA SHEET
MNDS26LS31M-X REV 0A0
Features
-
Operation from Single 5V Supply
-
Outputs Won't Load Line When Vcc=0V
-
Four Line Drivers in One Package For Maximum Package Density
-
Output Short-Circuit Protection
-
Complementary Outputs
-
Meets the requirements of EIA Standard RS-422
-
Pin Compatible with AM26LS31
-
Glitch Free Power Up/Down
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com