Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14764 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14764
Description  Above- and Below-the-Rails Low-Leakage Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14764 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14764 Datasheet HTML 1Page - Maxim Integrated Products MAX14764 Datasheet HTML 2Page - Maxim Integrated Products MAX14764 Datasheet HTML 3Page - Maxim Integrated Products MAX14764 Datasheet HTML 4Page - Maxim Integrated Products MAX14764 Datasheet HTML 5Page - Maxim Integrated Products MAX14764 Datasheet HTML 6Page - Maxim Integrated Products MAX14764 Datasheet HTML 7Page - Maxim Integrated Products MAX14764 Datasheet HTML 8Page - Maxim Integrated Products MAX14764 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
MAX14760/MAX14762/MAX14764
Above- and Below-the-Rails
Low-Leakage Analog Switches
Test Circuits/Timing Diagrams
Figure 1. Leakage Current Measurement
Figure 2. Switching Time
MAX14760
MAX14762
MAX14764
A_
EN_/SEL
B_/COM
GND
+5V
VCC
1µF
A
A
MAX14760
MAX14762
MAX14764
A_
EN_/SEL
B_/COM
UNCONNECTED
GND
+5V
VCC
1µF
A
SWITCH
OPEN
OFF-LEAKAGE CURRENT
ON-LEAKAGE CURRENT
SWITCH
CLOSED
50%
LOGIC
INPUT
SWITCH
OUTPUT
(VOUT)
0
50%
tON
tOFF
0.9 x VOUT
0.1 x VOUT
MAX14760
MAX14762
MAX14764
A_
+10V
EN_/SEL
B_/COM
VOUT
RL
GND
LOGIC
INPUT
+5V
VCC
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com