Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14830 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14830
Description  Quad Serial UART with 128-Word FIFOs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14830 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14830 Datasheet HTML 1Page - Maxim Integrated Products MAX14830 Datasheet HTML 2Page - Maxim Integrated Products MAX14830 Datasheet HTML 3Page - Maxim Integrated Products MAX14830 Datasheet HTML 4Page - Maxim Integrated Products MAX14830 Datasheet HTML 5Page - Maxim Integrated Products MAX14830 Datasheet HTML 6Page - Maxim Integrated Products MAX14830 Datasheet HTML 7Page - Maxim Integrated Products MAX14830 Datasheet HTML 8Page - Maxim Integrated Products MAX14830 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
Figure 1. I2C Timing Diagram ................................................................... 13
Figure 2. SPI Timing Diagram ................................................................... 13
Figure 3. Transmit FIFO Signals ................................................................. 18
Figure 4. Receive Data Format .................................................................. 19
Figure 5. Receive FIFO ........................................................................ 19
Figure 6. Midbit Sampling ...................................................................... 19
Figure 7. Clock Selection Diagram................................................................ 20
Figure 8. 2x and 4x Baud Rates ................................................................. 21
Figure 9. GPIO_ Clock Pulse Generator ........................................................... 22
Figure 10. Auto Transceiver Direction Control....................................................... 23
Figure 11. Setup and Hold times in Auto Transceiver Direction Control ................................... 23
Figure 12. Single Transmitter Trigger Accuracy...................................................... 24
Figure 13. Multiple Transmitter Synchronization Accuracy ............................................. 25
Figure 14. Echo Suppression Timing.............................................................. 25
Figure 15. Half-Duplex with Echo Suppression ...................................................... 26
Figure 16. Simplified Interrupt Structure ........................................................... 27
Figure 17. PLL Signal Path...................................................................... 51
Figure 18. SPI Write Cycle...................................................................... 58
Figure 19. SPI Read Cycle...................................................................... 59
Figure 20. SPI Fast Read Cycle.................................................................. 59
Figure 21. I2C START, STOP, and Repeated START Conditions ........................................ 60
Figure 22. Write Byte Sequence ................................................................. 61
Figure 23. Burst Write Sequence................................................................. 61
Figure 24. Read Byte Sequence ................................................................. 62
Figure 25. Burst Read Sequence................................................................. 62
Figure 26. Acknowledge Bits .................................................................... 63
Figure 27. Startup and Initialization Flow Chart...................................................... 63
Figure 28. Logic-Level Translation................................................................ 64
Figure 29. Interchip Synchronization .............................................................. 64
LIST OF FIGURES
MAX14830
Quad Serial UART with 128-Word FIFOs
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com