Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14980 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14980
Description  Ruggedized Quad SAS/SATA Redriver/Equalizer with Extended Operating Temperature
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14980 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14980 Datasheet HTML 1Page - Maxim Integrated Products MAX14980 Datasheet HTML 2Page - Maxim Integrated Products MAX14980 Datasheet HTML 3Page - Maxim Integrated Products MAX14980 Datasheet HTML 4Page - Maxim Integrated Products MAX14980 Datasheet HTML 5Page - Maxim Integrated Products MAX14980 Datasheet HTML 6Page - Maxim Integrated Products MAX14980 Datasheet HTML 7Page - Maxim Integrated Products MAX14980 Datasheet HTML 8Page - Maxim Integrated Products MAX14980 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
(VCC = +3.3V, TA = +25°C, all eye diagrams measured using K28.5 pattern.)
VIN = 275mVP-P, 1.5Gbps, PE = 0, EQ = 0
200ps/div
400
200
0
-200
-400
-400
-200
0
200
400
MAX14980 toc01
VIN = 275mVP-P, 3Gbps, PE = 0, EQ = 0
100ps/div
200
100
0
-100
-200
-400
-200
0
200
400
MAX14980 toc02
VIN = 275mVP-P, 6Gbps, PE = 0, EQ = 0
50ps/div
100
50
0
-50
-100
-400
-200
0
200
400
MAX14980 toc03
600
-600
VIN = 275mVP-P, 1.5Gbps, PE = 1, EQ = 0
200ps/div
400
200
-400 -200
0
-600
-400
-200
0
200
400
600
800
-800
MAX14980 toc04
VIN = 275mVP-P, 6Gbps, PE = 1, EQ = 0
50ps/div
100
50
-100
-50
0
-600
-400
-200
0
200
400
600
800
-800
MAX4952 toc06
VIN = 275mVP-P, 3Gbps, PE = 1, EQ = 0
100ps/div
200
100
-200 -100
0
-600
-400
-200
0
200
400
600
800
-800
MAX14980 toc05
VIN = 1600mVP-P, 1.5Gbps, PE = 0, EQ = 0
200ps/div
400
200
0
-200
-400
-400
-200
0
200
400
MAX14980 toc07
600
-600
Typical Operating Characteristics
Maxim Integrated │ 4
www.maximintegrated.com
MAX14980
Ruggedized Quad SAS/SATA Redriver/Equalizer
with Extended Operating Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com