Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHCI04020-2R2M-R8 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MHCI04020-2R2M-R8
Description  This specification applies to large current and low loss SMD shielding power inductor.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MHCI04020-2R2M-R8 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MHCI04020-2R2M-R8 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MHCI04020-2R2M-R8 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MHCI04020-2R2M-R8 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MHCI04020-2R2M-R8 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd MHCI04020-2R2M-R8 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd MHCI04020-2R2M-R8 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd MHCI04020-2R2M-R8 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MHCI04020 Series Specification
1 Scope:
2 Part Numbering:
3 Rating:
(on tape & reel): -20°C to +40°C; 75% RH max.
4 Marking:
5 Standard Testing Condition
In case of doubt
Temperature
Ordinary Temperature(15 to 35
℃)
Ordinary Humidity(25 to 85% RH)
20 to 30
℃
Humidity
50 to 80 %RH
This specification applies to large current and low loss SMD shielding power
inductor.
Operating Temperature: -55℃~125℃(Including self - temperature rise)
Storage Temperature:
Unless otherwise specified
MHCI0402-2R2M-R8
Rev :
www.leiditech.com
01.06.2015
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com