Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHCI04020-R10M-R8 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MHCI04020-R10M-R8
Description  This specification applies to large current and low loss SMD shielding power inductor.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MHCI04020-R10M-R8 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MHCI04020-R10M-R8 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MHCI04020-R10M-R8 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MHCI04020-R10M-R8 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MHCI04020-R10M-R8 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd MHCI04020-R10M-R8 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd MHCI04020-R10M-R8 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd MHCI04020-R10M-R8 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MHCI04020 Series Specification
6 Configuration and Dimensions:
7 Electrical Characteristics:
Inductance
Tolerance
Test Freq.
Irms(A)
Isat(A)
RDC(m )
Marking
(uH )
(±%)
Typ.
Typ.
Max.
MHCI04020-R10M-R8
0.1
20
100kHz,0.5V
12
25
4.0(3.5typ)
R10
MHCI04020-R22M-R8
0.22
20
100kHz,0.5V
9
12.5
6.6(6.0typ)
R22
MHCI04020-R47M-R8
0.47
20
100kHz,0.5V
7
9.5
14(12.5typ)
R47
MHCI04020-R56M-R8
0.56
20
100kHz,0.5V
6.5
10
16(14typ)
R56
MHCI04020-R68M-R8
0.68
20
100kHz,0.5V
5.2
8
21(19.4typ)
R68
MHCI04020-1R0M-R8
1
20
100kHz,0.5V
4.5
7
27(24typ)
1R0
MHCI04020-1R5M-R8
1.5
20
100kHz,0.5V
4
6
46(38typ)
1R5
MHCI04020-2R2M-R8
2.2
20
100kHz,0.5V
3
5
58(52typ)
2R2
MHCI04020-3R3M-R8
3.3
20
100kHz,0.5V
2.5
4
87(74typ)
3R3
MHCI04020-4R7M-R8
4.7
20
100kHz,0.5V
2.2
3
126(105typ)
4R7
MHCI04020-6R8M-R8
6.8
20
100kHz,0.5V
2
2.5
135(112typ)
6R8
MHCI04020-8R2M-R8
8.2
20
100kHz,0.5V
2
2.5
216(180typ)
8R2
MHCI04020-100M-R8
10
20
100kHz,0.5V
1.6
2
258(225typ)
100
`
Note:
5.Absolute maximum voltage 30VDC
should be verified in the end application.
Circuit design 125°C under worst case operating conditions. Component placement, PWB trace size
and thickness, airflow and other cooling provisions all affect the part temperature. Part temperature
Part No.
2.Isat for Inductance drop 30% from its value without current.
4.The part temperature (ambient + temp rise) should not exceed 125°C under worst case operating conditions.
1.Operating temperature range -55
℃~125℃(Including self - temperature rise)
3.Irms for a 40
℃ temperature rise from 25℃ ambient.
MHCI0402-2R2M-R8
Rev :
www.leiditech.com
01.06.2015
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com