Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ5225 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MMSZ5225
Description  Glass passivated chip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MMSZ5225 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MMSZ5225 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MMSZ5225 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MMSZ5225 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (TA =25℃ unless otherwise noted)
D4
D5
E1
E2
E3
E4
3.13
Ω
mA
MMSZ5225
2.85
20
mA
Ω
DEVICE
House No.
(2)
20
28
1600
0.25
30
1600
0.25
4.08
0.25
3.70
20
3.42
20
24
1700
20
22
2000
0.25
23
1900
0.25
5.32
0.25
4.84
20
4.46
20
19
1900
20
11
1600
0.25
17
1600
0.25
6.46
0.25
5.89
20
5.70
20
7
1600
20
5
750
0.25
7
1000
0.25
8.26
0.25
7.79
20
7.12
20
6
500
20
8
600
0.25
8
500
0.25
0.25
950
20
8.64
20
10
600
17
600
025
Marking
Code
C5
D1
D2
D3
E5
F1
F2
F3
F4
F5
Zener Voltage
Min
Nom
Max
VZ(Volts)
@IZT
3.0
3.15
ZZT@IZT
Zener Impedance
ZZK@IZK
Leakage Current
IR@VR
μA
Volts
50
1.0
MMSZ5226
3.3
3.47
25
1.0
MMSZ5227
3.6
3.78
15
1.0
MMSZ5228
3.9
4.10
10
1.0
MMSZ5229
4.3
4.52
5
1.0
MMSZ5230
4.7
4.94
5
2.0
MMSZ5231
5.1
5.36
5
2.0
MMSZ5232
5.6
5.88
5
3.0
MMSZ5233
6.0
6.30
5
3.5
MMSZ5234
6.2
6.51
5
4.0
MMSZ5235
6.8
7.14
3
5.0
MMSZ5236
7.5
7.88
3
6.0
MMSZ5237
8.2
8.61
3
6.5
MMSZ5238
8.7
9.14
3
6.5
MMSZ5239
9.1
9.56
3
7.0
MMSZ5240
10
10 50
3
80
Note 2: TOLERANCE AND TYPE NUMBER DESIGNATION
The type numbers listed indicate a tolerance of ±5%. Other Zener voltages andtolerances are available upon request
10.45
9.50
20
20
22
600
0.25
17
600
0.25
13.30
0.25
12.35
9.5
11.40
20
30
600
9.0
15
600
0.25
13
600
0.25
0.25
15.20
7.8
14.25
8.5
16
600
17
600
0.25
16.15
7.4
19
600
0.25
19.00
0.25
18.05
6.6
17.10
7.0
21
600
6.2
25
600
0.25
23
600
0.25
23.75
0.25
22.80
5.2
20.90
5.6
29
600
5.0
35
600
0.25
33
600
0.25
0.25
53.20
0.25
48.45
2.5
25.65
4.6
41
600
2.2
150
1300
600
44
600
0.1
0.1
0.1
125
1100
0.1
0.1
0.1
64.60
0.25
58.90
2.0
57.00
2.1
170
1400
0.25
185
1400
0.25
0.25
0.25
0.25
71.25
1.7
270
1700
0.25
0.25
58
F5
H1
H2
H3
H4
H5
J1
N2
N3
N4
N5
J2
J3
J4
J5
K1
K2
P2
K3
K4
MMSZ5240
10
10.50
3
8.0
MMSZ5241
11
11.55
2
8.4
MMSZ5242
12
12.60
1
9.1
MMSZ5243
13
13.65
0.5
9.9
MMSZ5244
14
14.70
0.1
10
MMSZ5245
15
15.75
0.1
11
MMSZ5246
16
16.80
0.1
12
MMSZ5247
17
17.85
0.1
13
MMSZ5248
18
18.90
0.1
14
MMSZ5249
19
19.95
0.1
14
MMSZ5250
20
21.00
0.1
15
MMSZ5251
22
23.10
0.1
17
MMSZ5252
24
25.20
0.1
18
MMSZ5253
25
26.25
0.1
19
MMSZ5254
27
28.35
0.1
21
MMSZ5262
51
53.55
0.1
39
MMSZ5263
56
58.80
0.1
43
MMSZ5264
60
63.00
0.1
46
47
MMSZ5266
68
71.40
0.1
52
P1
1.8
230
1600
0.25
MMSZ5267
75
78.75
0.1
56
MMSZ5265
62
65.10
0.1
MMSZ5255
K5
26.60
28
29.40
4.5
0.1
21
MMSZ5256
M1
28.50
30
31.50
4.2
49
23
70
MMSZ5257
M2
31.35
33
34.65
3.8
80
700
0.25
25
MMSZ5258
M3
34.20
36
37.80
3.4
93
700
0.25
27
MMSZ5259
M4
37.05
39
40.95
3.2
105
800
0.25
30
MMSZ5260
M5
40.85
43
45.15
3.0
1000
900
36
33
MMSZ5261
N1
44.65
47
49.35
2.7
MMSZ5225 thru MMSZ5267
Rev :
www.leiditech.com
2/3
01.06.2013
2013.06.21
技术中心
已审批



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com