Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP-MSM014 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LP-MSM014
Description  Polymer PTC Devices
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LP-MSM014 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LP-MSM014 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
page 1 of 1
Features
Small size of 1812
Lead-free and compliant with the European Union RoHS Directive 2011/65/EU
Fast tripping resettable circuit protection
Surface mount packaging for automated assembly
Agency Recognition: UL、CSA、TUV
Product Dimensions (mm)
A
B
C
D
E
Part number
Max.
Max.
Max.
Min.
Min.
LP-MSM014
4.73
3.41
1.00
0.30
0.30
Part Marking System
Electrical Characteristics
IH
IT
Vmax
Imax
Ttrip
Pd typ
Rmin
R1max
Part number
(A)
(A)
(V)
(A)
Current(A)
Time(S)
(W)
(Ω)
(Ω)
LP-MSM014
0.14
0.34
60
10
1.5
0.15
1.0
1.50
6.00
IH=Hold current: maximum current at which the device will not trip at 25℃ still air.
IT=Trip current: minimum current at which the device will always trip at 25℃ still air.
Vmax=Maximum voltage device can withstand without damage at rated current.
Imax=Maximum fault current device can withstand without damage at rated voltage.
Ttrip=Maximum time to trip(s) at assigned current.
Pdtyp=Typical power dissipation: typical amount of power dissipated by the device when in state air environment.
Rmin=Minimum device resistance at 25℃ prior to tripping.
R1max=Maximum device resistance measured in the nontripped state 1 hour post reflow.
Thermal Derating
Maximum ambient operating temperature(℃)
LP-MSM014
-40
-20
0
20
25
40
50
60
70
85
Hold Current (A)
0.23
0.20
0.18
0.16
0.14
0.12
0.11
0.10
0.07
0.05
Trip Current (A)
0.48
0.44
0.40
0.36
0.34
0.28
0.26
0.24
0.18
0.12
Solder Reflow Recommendations
B
B
A
Solder Pad Layouts
A
B
C
Part number
(mm)
(mm)
(mm)
LP-MSM014
3.45
1.78
3.15
* Recommended reflow methods: IR, Vapor phase, hot air oven.
* Devices can be cleaned using standard industry methods and
solvents.
Notes:
 If reflow temperatures exceed the recommended profile, devices
may not meet the performance requirements.
 Devices are not designed to be wave soldered to the bottom side
of the board.
Package Information
Tape & Reel: 2000pcs per reel.
Effectivity: Reference documents shall be the issue in effect on the
date of invitation for bid.
Caution: Operation beyond the rated voltage or current may result in
rupture electrical arcing or flame. Specifications are subject to
change without notice.
DOCUMENT:M20085
REV LETTER: D
PAGE NO: 1 OF1
REV DATE: 2014-1-2
PART NUMBER:
LP-MSM014
W
Product family
Current rating
Polymer
PTC Devices
Surface mount fuses


Similar Part No. - LP-MSM014

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LP-MSM014 LEIDITECH-LP-MSM014 Datasheet
493Kb / 1P
Fast tripping resettable circuit protection
More results

Similar Description - LP-MSM014

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
PTC-FUSES BEL-PTC-FUSES Datasheet
497Kb / 2P
Polymer PTC Devices
logo
Protek Devices
PMPS075_1812 PROTEC-PMPS075_1812_15 Datasheet
394Kb / 6P
POLYMER PTC DEVICE
PMPS200_1812 PROTEC-PMPS200_1812_15 Datasheet
391Kb / 6P
POLYMER PTC DEVICE
PMPS260C_1812 PROTEC-PMPS260C_1812_15 Datasheet
437Kb / 6P
POLYMER PTC DEVICE
PMPS-E-1206 PROTEC-PMPS-E-1206_15 Datasheet
392Kb / 7P
POLYMER PTC DEVICE
PLRO1210-190 PROTEC-PLRO1210-190 Datasheet
440Kb / 5P
POLYMER PTC DEVICE
PMPS012-E-1206 PROTEC-PMPS012-E-1206 Datasheet
389Kb / 7P
POLYMER PTC DEVICE
PMPS075-1812 PROTEC-PMPS075-1812 Datasheet
391Kb / 6P
POLYMER PTC DEVICE
logo
Littelfuse
RXEF300 LITTELFUSE-RXEF300 Datasheet
346Kb / 2P
PTC Devices
logo
Shanghai Leiditech Elec...
MSM150-16 LEIDITECH-MSM150-16 Datasheet
654Kb / 2P
Polymer PTC Devices
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com