Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN8815 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STN8815
Description  Nomadik mobile multimedia application processor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8815 Datasheet(HTML) 3 Page - STMicroelectronics

  STN8815 Datasheet HTML 1Page - STMicroelectronics STN8815 Datasheet HTML 2Page - STMicroelectronics STN8815 Datasheet HTML 3Page - STMicroelectronics STN8815 Datasheet HTML 4Page - STMicroelectronics STN8815 Datasheet HTML 5Page - STMicroelectronics STN8815 Datasheet HTML 6Page - STMicroelectronics STN8815 Datasheet HTML 7Page - STMicroelectronics STN8815 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STn8815
STn8815 overview
3/8
STn8815 overview
The convergence of computing, multimedia and mobile communications is well underway.
Already the familiar voice phone is being transformed into a personal device with a wide
range of multimedia capabilities. Soon mobile users will be able to benefit from a broad
spectrum of multimedia features and services, to include capturing, sending and receiving
images, videos and music. To deliver such data-heavy, processing-intensive services,
portable handheld systems must be optimized for high performance but low power, space
and cost.
In response to this need, the STn8815 processor platform from STMicroelectronics is a
culmination of breakthroughs in video coding efficiency, inventive algorithms and chip
implementation schemes. It will enable smart phones, wireless PDAs, internet appliances
and car entertainment systems to play back media content, record pictures and video clips,
and perform bidirectional audio-visual communication with other systems in real time.
The STn8815 focuses on the essential features to meet the future needs of mobile products
and services: a high-performance multimedia capability coupled with low power
consumption, and based on an open platform strategy.
Figure 1.
Typical system architecture using the STn8815
SDIO
MMC
SD-Card
Memory Stick Pro
Keypad
Low-power
Debug, trace
32 kHz 13/19.2 MHz
Reset
Audio
FM radio
GPS module
USB device
Bluetooth
Fast IrDA
GSM/GPRS/EDGE
xCDMA
modem chip set
RF
Touch screen
controller
LCD backlight
Energy
management
codecs
SDRAM
Mobile
DDR SDRAM
SDMC
MMCI
ETM9
JTAG
SKE
I²S
RTC
Clock, reset
UART
UART
I²C
I²C
FIrDA
USB-OTG
PWL
SSP
CLCD/
MDIF
Camera
interfaces
High-speed
serial interface
TFT
Mono/color STN
smart panel
Host port
interface
high speed
TV
output
CompactFlash/CF+
NAND Flash
NOR Flash
SRAM
ROM
ATA device
FSMC
802.11x WLAN
MSP
Rotary
wheel
STn8815
STw5095
Denc
STw4810
STw8009
MSP
Digital TV
demodulator
Camera1
Camera 2
Camera 3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com