Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4367 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4367
Description  140V High Efficiency Switching Surge Stopper
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4367 Datasheet HTML 9Page - Analog Devices LTC4367 Datasheet HTML 10Page - Analog Devices LTC4367 Datasheet HTML 11Page - Analog Devices LTC4367 Datasheet HTML 12Page - Analog Devices LTC4367 Datasheet HTML 13Page - Analog Devices LTC4367 Datasheet HTML 14Page - Analog Devices LTC4367 Datasheet HTML 15Page - Analog Devices LTC4367 Datasheet HTML 16Page - Analog Devices LTC4367 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC7862
13
Rev 0
For more information www.analog.com
OPERATION
Main Control Loop
The LTC7862 uses a constant frequency, peak current
mode step-down architecture. During switching opera-
tion, the external top MOSFET is turned on when the
clock sets the RS latch, and is turned off when the main
current comparator, ICMP, resets the RS latch. The peak
inductor current at which ICMP trips and resets the latch
is controlled by the voltage on the ITH pin, which is the
output of the error amplifier, EA. The error amplifier com-
pares the output voltage feedback signal at the VFB pin
(which is generated with an external resistor divider con-
nected across the output voltage, VOUT, to ground) to the
internal 0.800V reference voltage. When the load current
increases, it causes a slight decrease in VFB relative to
the reference, which causes the EA to increase the ITH
voltage until the average inductor current matches the
new load current.
After the top MOSFET is turned off each cycle, the bot-
tom MOSFET is turned on until either the inductor current
starts to reverse, as indicated by the current comparator
IR, or the beginning of the next clock cycle.
DRVCC/EXTVCC/INTVCC Power
Power for the top and bottom MOSFET drivers is derived
from the DRVCC pin. The DRVCC supply voltage can be
programmed to 6V or 9V using the DRVUV pin. Two sepa-
rate LDOs (low dropout linear regulators) can provide
power from VIN to DRVCC. The internal VIN LDO uses
an internal P-channel pass device between the VIN and
DRVCC pins.
When the EXTVCC pin is tied to a voltage below its swi-
tchover voltage (4.7V or 7.7V depending on the DRVUV
pin), the VIN LDO is enabled and supplies power from
VIN to DRVCC.
If EXTVCC is taken above its switchover voltage, the VIN
LDO is turned off and an EXTVCC LDO is turned on. Once
enabled, the EXTVCC LDO supplies power from EXTVCC to
DRVCC. Using the EXTVCC pin allows the DRVCC power to
be derived from a high efficiency external source such as
one derived from the LTC7862 switching regulator output.
The INTVCC supply powers most of the other internal
circuits in the LTC7862. The INTVCC LDO regulates to a
fixed value of 5V and its power is derived from the DRVCC
supply.
Top MOSFET Driver, Charge Pump and Pass-Through
Mode
The top MOSFET driver is biased from the floating boot-
strap capacitor, CB, which recharges during each switch-
ing cycle through an external diode, DB, whenever SW
goes low.
If the input voltage is below the regulated output (clamp)
voltage, the loop enters dropout and turns on the top
MOSFET continuously. The LTC7862 includes an internal
charge pump that allows the top MOSFET to be turned on
continuously at 100% duty cycle. This charge pump deliv-
ers current to CB to keep it biased at approximately 8.5V.
Shutdown and Start-Up (RUN, SS Pins)
The LTC7862 can be shut down using the RUN pin.
Connecting the RUN pin below 1.12V shuts down the
main control loop. Connecting the RUN pin below 0.7V
disables the controller and most internal circuits, including
the DRVCC and INTVCC LDOs. In this state, the LTC7862
draws only 10μA of quiescent current.
The RUN pin has no internal pull-up current, so the pin
must be externally pulled up or driven directly by logic.
The RUN pin can tolerate up to 150V (absolute maxi-
mum), so it can be conveniently tied to VIN in always-on
applications where the controller is enabled continuously
and never shut down.
The start-up of the output voltage VOUT is controlled by
the voltage on the SS pin. When the voltage on the SS
pin is less than the 0.8V internal reference, the LTC7862
regulates the VFB voltage to the SS pin voltage instead of
the 0.8V reference. This allows the SS pin to be used to
program a soft-start by connecting an external capacitor
from the SS pin to GND. An internal 10μA pull-up current
charges this capacitor creating a voltage ramp on the SS
pin. As the SS voltage rises linearly from 0V to 0.8V (and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com