Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1306 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS1306
Description  Serial Alarm Real-Time Clock
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1306 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS1306 Datasheet HTML 14Page - Maxim Integrated Products DS1306 Datasheet HTML 15Page - Maxim Integrated Products DS1306 Datasheet HTML 16Page - Maxim Integrated Products DS1306 Datasheet HTML 17Page - Maxim Integrated Products DS1306 Datasheet HTML 18Page - Maxim Integrated Products DS1306 Datasheet HTML 19Page - Maxim Integrated Products DS1306 Datasheet HTML 20Page - Maxim Integrated Products DS1306 Datasheet HTML 21Page - Maxim Integrated Products DS1306 Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
DS1306
SPI AC ELECTRICAL CHARACTERISTICS
(TA = Over the operating range, unless otherwise specified.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Data to CLK Setup
tDC
VCC = 2.0V
200
ns
3, 4
VCC = 5V
50
CLK to Data Hold
tCDH
VCC = 2.0V
280
ns
3, 4
VCC = 5V
70
CLK to Data Delay
tCDD
VCC = 2.0V
800
ns
3, 4, 5
VCC = 5V
200
CLK Low Time
tCL
VCC = 2.0V
1000
ns
4
VCC = 5V
250
CLK High Time
tCH
VCC = 2.0V
1000
ns
4
VCC = 5V
250
CLK Frequency
tCLK
VCC = 2.0V
0.6
MHz
4
VCC = 5V
DC
2.0
CLK Rise and Fall
tR, tF
VCC = 2.0V
2000
ns
VCC = 5V
500
CE to CLK Setup
tCC
VCC = 2.0V
4
µs
4
VCC = 5V
1
CLK to CE Hold
tCCH
VCC = 2.0V
240
ns
4
VCC = 5V
60
CE Inactive Time
tCWH
VCC = 2.0V
4
µs
4
VCC = 5V
1
CE to Output High-Z
tCDZ
VCC = 2.0V
280
ns
3, 4
VCC = 5V
70
19 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com