Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX361C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX361C/D
Description  Precision, Quad, SPST Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX361C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX361C/D Datasheet HTML 1Page - Maxim Integrated Products MAX361C/D Datasheet HTML 2Page - Maxim Integrated Products MAX361C/D Datasheet HTML 3Page - Maxim Integrated Products MAX361C/D Datasheet HTML 4Page - Maxim Integrated Products MAX361C/D Datasheet HTML 5Page - Maxim Integrated Products MAX361C/D Datasheet HTML 6Page - Maxim Integrated Products MAX361C/D Datasheet HTML 7Page - Maxim Integrated Products MAX361C/D Datasheet HTML 8Page - Maxim Integrated Products MAX361C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Precision, Quad, SPST Analog Switches
2
________________________________________________________________________________________________
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = 15V, V- = -15V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
(Note 2)
ANALOG
VCOM_,
Analog-Signal Range
VNO_,
(Note 3)
-15
15
V
VNC_
RON
TA = +25°C
50
85
Ω
TA = TMIN to TMAX
100
On Resistance Match
RON
TA = +25°C
2
Ω
Between Channels (Note 4)
TA = TMIN to TMAX
4
On Resistance Flatness
RON
TA = +25°C
9
Ω
(Note 4)
TA = TMIN to TMAX
15
Off Leakage Current
INO_,
TA = +25°C
-0.50
0.01
0.50
nA
(NO_ or NC_ terminal)
INC_
TA = TMAX
C, E
-4
4
M
-20
20
Off Leakage Current
TA = +25°C
-0.50
0.01
0.50
nA
(COM_ terminal)
ICOM
TA = TMAX
C, E
-4
4
M
-20
20
On Leakage Current
ICOM
TA = +25°C
-0.50
0.08
0.50
nA
(COM_ and NC_ or NO_
or
TA = TMAX
C, E
-6
6
INO, INC
M
-40
40
DIGITAL
Input Current with
IINH
VIN_ = 2.4V
-500
0.01
500
nA
Input Voltage High
Input Current with
IINH
VIN_ = 0.8V
-500
0.01
500
nA
Input Voltage Low
ABSOLUTE MAXIMUM RATINGS
Voltage Referenced to V-
V+ ....................................................................................44V
GND .................................................................................25V
IN_, COM_, NO_, NC_ ...........(V- - 2V) to (V+ + 2V) or 30mA
(whichever occurs first)
Continuous Current (any terminal) .....................................30mA
Peak Current COM, NO, NC
(pulsed at 1ms, 10% duty cycle max)..........................100mA
ESD....................................................................................2000V
Continuous Power Dissipation (TA = +70°C) (Note 1)
Plastic DIP (derate 10.53mW/°C above +70°C)..........842mW
Narrow SO (derate 8.70mW/°C above +70°C)............696mW
Thin QFN (derate 33.3mW/°C above +70°C) ............2667mW
CERDIP (derate 10.00mW/°C above +70°C) ..............800mW
Operating Temperature Ranges:
MAX36_C_ _.......................................................0°C to +70°C
MAX36_E_ _ ....................................................-40°C to +85°C
MAX36_MJE..................................................-55°C to +125°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
Note 1: All leads are soldered or welded to PC board.
I(NO or NC) = -10mA,
VCOM_ = 8.5V or -8.5V,
V+ = 13.5V, V- = -13.5V
On Resistance
(COM_ to NO_ or
COM_ to NC_ terminals)
I(NO or NC) = -10mA,
VCOM_ = 10V or -10V,
V+ = 15V, V- = -15V
I(NO or NC) = -10mA,
VCOM_ = 5V or -5V,
V+ = 15V, V- = -15V
VCOM_ = ±15.5V,
VNC_ or VNO_ = +15.5V,
V+ = 16.5V, V- = -16.5V
VNC_ or VNO_ = ±15.5V,
VCOM_ = +15.5V,
V+ = 16.5V, V- = -16.5V
VCOM_ = ±15.5V,
VNC_ or VNO_ = ±15.5V,
V+ = 16.5V, V- = -16.5V
terminal)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com