Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSW Datasheet(PDF) 4 Page - Schurter Inc.

Part # FSW
Description  AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FSW Datasheet(HTML) 4 Page - Schurter Inc.

  FSW Datasheet HTML 1Page - Schurter Inc. FSW Datasheet HTML 2Page - Schurter Inc. FSW Datasheet HTML 3Page - Schurter Inc. FSW Datasheet HTML 4Page - Schurter Inc. FSW Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
1-Phase Line Filters
FSW
https://www.schurter.com /PG84
EMC Products
Diagrams
Standard version
1)
2)
1) Line
2) Load
Attenuation Loss
- - - - 50
Ω differential mode _____ 50Ω common mode
Standard version
3 A
6 A
10 A
16 A
20 A
24 A
25 A
36 A
Industrial version
3 A
6 A
10 A
All Variants
Rated Cur-
rent [A]
Filter-Type
Leakage Cur-
rent [mA]
Terminal
L [mH]
Cx [µF] Cy1 [nF] Cy2 [nF]
R
[M
Ω]
Weight
[g]
Housing
Packaging
[PCS]
Order Number
3
Standard version
0.25
Quick connect terminals
2 x 2
0.1
1.5
1
1
157 g
49
10
5500.2058
█
6
Standard version
0.25
Quick connect terminals
2 x 0.8
0.1
1.5
1
1
159 g
49
10
5500.2060
█
10
Standard version
0.25
Quick connect terminals
2 x 0.4
0.1
1.5
1
1
159 g
49
10
5500.2062
█
16
Standard version
0.5
Quick connect terminals
2 x 1.3
1
4.7
-
1
200 g
48
10
5500.2218
█
20
Standard version
0.5
Quick connect terminals
2 x 2.4
2.2
4.7
-
1
840 g
FF
4
5500.2219
24
Standard version
0.5
Quick connect terminals
2 x 2
2.2
4.7
-
1
910 g
FF
4
5500.2220
25
Standard version
0.5
Bolts and nuts M4
2 x 2
2.2
4.7
-
1
910 g
FF
4
5500.2221
36
Standard version
0.5
Bolts and nuts M4
2 x 1.23
2.2
4.7
-
1
910 g
FF
4
5500.2222
3
Industrial version
2.5
Quick connect terminals
2 x 2
0.1
22
1
1
157 g
49
10
5500.2059
6
Industrial version
2.5
Quick connect terminals
2 x 0.8
0.1
22
1
1
159 g
49
10
5500.2061
█



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com