Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLED06A Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PLED06A
Description  Bi-directional Open LED protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

PLED06A Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  PLED06A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd PLED06A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd PLED06A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Thermal Considerations
Rev : 01.06.2014
2/3
www.leiditech.com
Package
Symbol
Parameter
Value
DO-214
TJ
Operating Junction Temperature Range
-40 to +150℃
TS
Storage Temperature Range
-40 to +150℃
RθJA
Thermal Resistance: Junction to Ambient 90 ℃/W
IH
IT
IS
VDRM
VT
+V
-V
+I
-I
VBR
V-I Characteristics
0.4
-40 -20
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Case Temperature (T
C ) – ˚C
25 ˚C
0 20 40 60 80 100 120 140 160
ON/OFF
Switch
PWM
LED
Driver
Vbat
12 Vdc
+
-
2.0 Ω, 1/4 W
110 kΩ, 1/4 W
Q2
2N2222
Q1
Control
Circuit
MT
2
MT
1
PLED
-8
-40 -20
-6
-4
0
2
4
6
8
10
12
14
Junction Temperature (TJ ) – ˚C
25 ˚C
0
20
40 60 80 100 120 140 160
V
BR
vs. Junction Temperature
Normalized DC Holding Current vs. Case Temperature
LED Interference Test Circuit
PLED06A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com