Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLED06F Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PLED06F
Description  The open LED protectorprovides a switching electronic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

PLED06F Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  PLED06F Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd PLED06F Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd PLED06F Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
TheopenLEDprotectorprovidesaswitchingelectronicshunt
pathwhenanLEDinanLEDarrayfailsasanopencircuit.Thisensures
thattheentirearrayof LEDswillcontinuetofunctionevenifasingle
LEDinthearraydoesnot.Thisprovideshigherreliablelightingfunctions
Inapplicationssuchasheadlights,aircrafts,aircraftrunwaylighting,
Roadsidewarninglights,etc.Thisdeviceiscompatiblewithone,twoand
ThreewattLEDsthathaveanominal3Vforwardcharacteristic.
ThePLED®isavailableintwosurfacemountpackages,theSOD-123and
theQuadFlatPakNo-lead(QFN).TheQFN’slowprofile,chipscalepackage
(CSP)isidealfordenseboardapplications.
Electrcal Characteristics (Tamb=25℃)
General Notes:
●
Allmeasurementsaremadeatanambienttemperatureof25℃.Ippappliesto-40℃through+85℃
temperaturerange.
●
Specialvoltage(VBOandVDRM)andholdingcurrent(IH)requirementsareavailableuponrequest.
Electrical Parameters(Tamb=25℃)
Symbol Parameter Symbol Parameter
VDRM Stand-offvoltage,ismeasured
atIDRM
IH
Holdingcurrent
IDRM Leakagecurrent,ismeasuredat
VDRM
IT
ON-statecurrent
VBR Breakovervoltage,ismeasured
at100V/μs
VT
On-statevoltage
IS
Breadovercurrent
Part
Number
VDRM
breakdown
IDRM
VBR
breakdown
IS
VT
IT
`IH
Critical rate
ofrisedV/dt
Min.
Max.
Max.
Typ.
Max.
Max.
Max.
V
uA
V
mA
V
A
mA
V
PLED06F 5.5 5 15 100 3 1 50 250V/μs
LED Shunt Protection
PLED06F
Rev :
www.leiditech.com
01.06.2015
1/3
Typ.


Similar Part No. - PLED06F

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PLED06 LEIDITECH-PLED06 Datasheet
471Kb / 3P
Bi-directional Open LED protector
PLED06A LEIDITECH-PLED06A Datasheet
528Kb / 3P
Bi-directional Open LED protector
PLED06A2 LEIDITECH-PLED06A2 Datasheet
511Kb / 3P
LED Shunt Protection
PLED06B LEIDITECH-PLED06B Datasheet
471Kb / 3P
Bi-directional Open LED protector
PLED06B1 LEIDITECH-PLED06B1 Datasheet
470Kb / 3P
Bi-directional Open LED protector
More results

Similar Description - PLED06F

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3165 INTERSIL-CA3165 Datasheet
67Kb / 6P
Electronic Switching Circuit
May 1999
logo
Kemet Corporation
EB2-3SNU-L KEMET-EB2-3SNU-L Datasheet
1Mb / 17P
Electronic switching systems
EE2-3SNU-L KEMET-EE2-3SNU-L Datasheet
2Mb / 18P
Electronic switching systems
UB2-3SNU-L KEMET-UB2-3SNU-L Datasheet
1Mb / 17P
Electronic switching systems
UD2-3SNU-L KEMET-UD2-3SNU-L Datasheet
1Mb / 17P
Electronic switching systems
logo
Lumins Inc.
EC620 LUMINIS-EC620 Datasheet
221Kb / 3P
LED electronic driver
EC630 LUMINIS-EC630 Datasheet
136Kb / 2P
LED electronic driver
EC830 LUMINIS-EC830 Datasheet
166Kb / 2P
LED electronic driver
logo
Shanghai Leiditech Elec...
PLED06CST LEIDITECH-PLED06CST Datasheet
350Kb / 3P
open LED protectorprovides a switching electronic
PLED12B LEIDITECH-PLED12B Datasheet
432Kb / 3P
The open LED protectorprovides a switching electronic
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com