Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLED12B Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PLED12B
Description  The open LED protectorprovides a switching electronic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

PLED12B Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  PLED12B Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd PLED12B Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd PLED12B Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PLED12B
PLED12B
25
12
◆
Description
The open LED protectorprovides a switching electronic shunt
path whenan LED in an LED arrayfailsas an opencircuit.This ensures
that theentire array of
LED s will continue to functioneven if a single
LED inthearray does not. This provides higher reliable lighting functions
In applications such as headlights, aircrafts, aircraft runway lighting,
Roadside warning lights, etc.This device is compatible with one,two and
Three watt LEDs that haveanominal 3V forward characteristic.
The PLED® is available in two surface mount packages, the DO-214 and
the Quad Flat Pak No-lead(QFN).The QFN’s low profile,chip scalepackage
(CSP) is ideal for dense board applications.
Electrcal Characteristics (Tamb=25℃)
General Notes:
All measurements are made at an ambient temperature of 25℃.Ipp applies to -40℃ through
+85℃ temperature range.
◆
Special voltage(VBO and VDRM) and holding current(IH) requirements are available up
on request.
Electrical Parameters(Tamb=25℃)
Symbol
Parameter
Symbol
Parameter
VDRM
Stand-off voltage,is
measured at IDRM
IH
Holding current
IDRM
Leakage current,is measured at
VDRM
IT
ON-state current
VBR
Breakover voltage,is
measured at 100V/
μs
VT
On-state voltage
IS
Breadover current
VDRM
breakdown
IDRM
VBR
breakdown
IS
VT
IT
`IH
Critical rate
ofrisedV/dt
Min.
Max.
Max.
Max.
Max.
Max.
Min.
Max.
Part
Number
V
uA
V
mA
V
A
mA
V
10
600
1.5
1
5
250V/μs
1/3


Similar Part No. - PLED12B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLED120W-024 ETC2-PLED120W-024 Datasheet
782Kb / 4P
Flicker-Free LED Drivers
PLED120W-024-C5000-XX ETC2-PLED120W-024-C5000-XX Datasheet
782Kb / 4P
Flicker-Free LED Drivers
PLED120W-028 ETC2-PLED120W-028 Datasheet
782Kb / 4P
Flicker-Free LED Drivers
PLED120W-028-C4200-XX ETC2-PLED120W-028-C4200-XX Datasheet
782Kb / 4P
Flicker-Free LED Drivers
PLED120W-034 ETC2-PLED120W-034 Datasheet
782Kb / 4P
Flicker-Free LED Drivers
More results

Similar Description - PLED12B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3165 INTERSIL-CA3165 Datasheet
67Kb / 6P
Electronic Switching Circuit
May 1999
logo
Kemet Corporation
EB2-3SNU-L KEMET-EB2-3SNU-L Datasheet
1Mb / 17P
Electronic switching systems
EE2-3SNU-L KEMET-EE2-3SNU-L Datasheet
2Mb / 18P
Electronic switching systems
UB2-3SNU-L KEMET-UB2-3SNU-L Datasheet
1Mb / 17P
Electronic switching systems
UD2-3SNU-L KEMET-UD2-3SNU-L Datasheet
1Mb / 17P
Electronic switching systems
logo
Lumins Inc.
EC620 LUMINIS-EC620 Datasheet
221Kb / 3P
LED electronic driver
EC630 LUMINIS-EC630 Datasheet
136Kb / 2P
LED electronic driver
EC830 LUMINIS-EC830 Datasheet
166Kb / 2P
LED electronic driver
logo
Shanghai Leiditech Elec...
PLED06CST LEIDITECH-PLED06CST Datasheet
350Kb / 3P
open LED protectorprovides a switching electronic
PLED06F LEIDITECH-PLED06F Datasheet
591Kb / 3P
The open LED protectorprovides a switching electronic
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com