Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL201 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # RL201
Description  General-purpose Plastic Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

RL201 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  RL201 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd RL201 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RL201-RL207
普通塑封整流二极管
反向电压 50 ~ 1000 V
正向电流 2.0 A
特征 Features
● 反向漏电流低 Low reverse leakage
● 正向浪涌承受能力强 High forward surge capability
● 高信赖性 High reliability
● 高温焊接保证 High temperature soldering guaranteed:
260℃/10 秒, 引线长度:0.375" (9.5mm)
260℃/10seconds,9.5mm lead length
● 引线和管体皆符合RoHS标准
Lead and body according with RoHS standard
● 型号后缀“-F”标记无卤素产品
Green compound with suffix "-F" on Marking
机械数据 Mechanical Data
● 封装外形:DO-15 塑封 Case:DO-15 Molded plastic
● 环氧树脂:UL易燃等级:94V-0
Epoxy: UL 94V-0 rate flame retardant
● 引脚:镀锡,无铅 Lead: Pure tin plated, lead free
最大值和特性 TA = 25℃ 除非另有规定。
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压 Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
正向不重复浪涌电流 8.3 ms单一正弦半波
Non-repetitive peak forward surge current
8.3 ms singlehalf sine-wave
最大正向电压 @IF= 2.0 A
Maximum forward voltage
最大反向电流 @VDC
TA= 25℃
Maximum reverse current
TA= 100℃
典型热阻 Typical thermal resistance (Note 1)
典型结电容 VR=4.0V,f=1MHz
Type junction capacitance
工作结温和存储温度
Operating junction and storage temperature rang
备注 Note:
1) 引线长度 0.375" (9.5 mm) ,安装在PCB板上,从PN结到周围环境的热阻。
1) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, PCB mounted.
General-purpose Plastic Rectifiers
Reverse Voltage 50 ~ 1000 V
Forward Current 2.0 A
VF
V
IR
Tj, TSTG
Cj
IFSM
60
RθJA
20
45
-55 --- +125
℃
℃/W
pF
VDC
IF(AV)
2.0
50
200
VRMS
35
420
560
700
140
70
参数
Parameter
100
符号
Symbols
800
200
50
VRRM
RL
206
RL
201
RL
202
RL
203
RL
204
RL
205
1.1
Unit
400
μA
100
5.0
600
800
100
单位
1000
V
Maximum Ratings & Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
RL
207
A
V
280
1000
A
V
600
400
DO-15
Unit: inch (mm)
Rev :
www.leiditech.com
01.06.2018
1/2


Similar Part No. - RL201

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
RL201 WINGS-RL201 Datasheet
251Kb / 2P
SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Won-Top Electronics
RL201 WTE-RL201 Datasheet
40Kb / 3P
2.0A SILICON RECTIFIER
logo
Zowie Technology Corpor...
RL201 ZOWIE-RL201 Datasheet
44Kb / 2P
SILICON RECTIFIER
logo
Rectron Semiconductor
RL201 RECTRON-RL201 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
RL201 JGD-RL201 Datasheet
138Kb / 2P
2.0 AMPS. SILICON RECTIFIERS
More results

Similar Description - RL201

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
10A05 SEMTECH_ELEC-10A05 Datasheet
81Kb / 1P
GENERAL PURPOSE PLASTIC RECTIFIERS
2A01 SEMTECH_ELEC-2A01 Datasheet
242Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIERS
RL201 SEMTECH_ELEC-RL201 Datasheet
208Kb / 1P
GENERAL PURPOSE PLASTIC RECTIFIERS
RL251 SEMTECH_ELEC-RL251 Datasheet
209Kb / 1P
GENERAL PURPOSE PLASTIC RECTIFIERS
logo
GOOD-ARK Electronics
P300A GOOD-ARK-P300A Datasheet
191Kb / 2P
General Purpose Plastic Rectifiers
logo
Silicon Standard Corp.
1N4004 SSC-1N4004 Datasheet
292Kb / 3P
General Purpose Plastic Rectifiers
6A05 SSC-6A05 Datasheet
260Kb / 3P
General Purpose Plastic Rectifiers
logo
Cystech Electonics Corp...
RL201 CYSTEKEC-RL201 Datasheet
202Kb / 3P
General Purpose Plastic Rectifiers
logo
Continental Device Indi...
1N5400 CDIL-1N5400 Datasheet
326Kb / 4P
GENERAL PURPOSE PLASTIC RECTIFIERS
logo
Rectron Semiconductor
FM3000 RECTRON-FM3000 Datasheet
217Kb / 7P
GENERAL-PURPOSE PLASTIC RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com