Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BIS00TY Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BIS00TY
Description  UHF (860...960 MHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS00TY Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BIS00TY Datasheet HTML 1Page - Balluff Korea Ltd. BIS00TY Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UHF (860...960 MHz)
BIS U-301-C1-TNCB
Order Code: BIS00TY
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 221392
ETIM 6.0: EC002996
BIS00TY_1.8_2021-03-30
1 / 2
1) Tightening torque
Basic features
Antenna type
Patch
Principle of operation
Antenna
Electrical connection
Connection slots
TNC-Female
Electrical data
Antenna gain
5.5 dBic
Antenna impedance
50 Ohm
Front-to-back ratio
≥ 8 dB
Permissible radiated power
≤ 4 W EIRP
FCC CFR47 Part 15 Part 15.247
Polarization
circular
VSWR (voltage standing wave ratio)
≤ 1.5:1
Working frequency
902…928 MHz
Environmental conditions
Ambient temperature
-30...70 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-6, Vibration
yes
IP rating
IP67, with connector
Storage temperature
-40...85 °C
Material
Housing material
PC
Mechanical data
Application weight
365.00 g
Dimension
133 x 18.4 x 133 mm
Range/Distance
Axial ratio
≤ 2 dB
Opening angle min.
100° x 100°


Similar Part No. - BIS00TY

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS00T0 BALLUFF-BIS00T0 Datasheet
1Mb / 4P
HF (13.56 MHz)
BIS00T3 BALLUFF-BIS00T3 Datasheet
147Kb / 3P
Multi-Frequency Processor
BIS00T6 BALLUFF-BIS00T6 Datasheet
925Kb / 4P
HF (13.56 MHz)
BIS00T7 BALLUFF-BIS00T7 Datasheet
513Kb / 3P
HF (13.56 MHz)
BIS00T8 BALLUFF-BIS00T8 Datasheet
820Kb / 4P
HF (13.56 MHz)
More results

Similar Description - BIS00TY

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS012R BALLUFF-BIS012R Datasheet
146Kb / 2P
UHF (860...960 MHz)
BIS013J BALLUFF-BIS013J Datasheet
154Kb / 3P
UHF (860...960 MHz)
BIS013P BALLUFF-BIS013P Datasheet
116Kb / 2P
UHF (860...960 MHz)
BIS0167 BALLUFF-BIS0167 Datasheet
105Kb / 1P
UHF (860...960 MHz)
BIS0178 BALLUFF-BIS0178 Datasheet
106Kb / 2P
UHF (860...960 MHz)
BIS00RC BALLUFF-BIS00RC Datasheet
110Kb / 2P
UHF (860...960 MHz)
BIS00WH BALLUFF-BIS00WH Datasheet
107Kb / 2P
UHF (860...960 MHz)
BIS016Y BALLUFF-BIS016Y Datasheet
118Kb / 1P
UHF (860...960 MHz)
0.27_2021-03-18
BIS018N BALLUFF-BIS018N Datasheet
151Kb / 3P
UHF (860...960 MHz)
0.23_2021-09-10
BIS015Y BALLUFF-BIS015Y Datasheet
152Kb / 3P
UHF (860...960 MHz)
0.3_2021-12-02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com