Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BIS00WM Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS00WM
Description  HF (13.56 MHz)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS00WM Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS00WM Datasheet HTML 1Page - Balluff Korea Ltd. BIS00WM Datasheet HTML 2Page - Balluff Korea Ltd. BIS00WM Datasheet HTML 3Page - Balluff Korea Ltd. BIS00WM Datasheet HTML 4Page - Balluff Korea Ltd. BIS00WM Datasheet HTML 5Page - Balluff Korea Ltd. BIS00WM Datasheet HTML 6Page - Balluff Korea Ltd. BIS00WM Datasheet HTML 7Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HF (13.56 MHz)
BIS M-371-000-A01
Order Code: BIS00WM
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 338832
ETIM 6.0: EC002998
BIS00WM_3.1_2021-03-31
2 / 7
Material
Housing material
PA
Mechanical data
Application weight
290.00 g
Dimension
113.4 x 42.4 x 118 mm
Installation
metal-free (clear zone)
Remarks
Values are under rated conditions unless otherwise specified.
Only together with BIS M-62x or BIS VM-920x.
When using BIS VM-920 (BIS014N) + connection cable (BIS00WJ): Maximum read/write distance reduced by 10%.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Help Views



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com