Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1094LU Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1094LU
Description  Multiphase Spread-Spectrum EconOscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1094LU Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1094LU Datasheet HTML 1Page - Maxim Integrated Products DS1094LU Datasheet HTML 2Page - Maxim Integrated Products DS1094LU Datasheet HTML 3Page - Maxim Integrated Products DS1094LU Datasheet HTML 4Page - Maxim Integrated Products DS1094LU Datasheet HTML 5Page - Maxim Integrated Products DS1094LU Datasheet HTML 6Page - Maxim Integrated Products DS1094LU Datasheet HTML 7Page - Maxim Integrated Products DS1094LU Datasheet HTML 8Page - Maxim Integrated Products DS1094LU Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
(VCC = +3.0V to 3.6V, unless otherwise noted.)
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
Note 1: All voltages referenced to ground.
Note 2: This is the change observed in output frequency due to changes in temperature or voltage.
Note 3: This is a percentage of the output period. Parameter is characterized but not production tested. This can be varied from
2%, 4%, or 8%.
Note 4: This parameter is guaranteed by design.
Note 5: This indicates the time between power-up and the outputs becoming active. An on-chip delay is intentionally introduced to
allow the oscillator to stabilize. tSTAB is equivalent to approximately 64 fMOSC cycles and, hence, will depend on the pro-
grammed clock frequency.
Note 6: Timing shown is for fast-mode (400kHz) operation. This device is also backward compatible with I2C standard-mode timing.
Note 7: CB—total capacitance of one bus line in picofarads.
Note 8: Typical frequency shift due to aging is ±0.5%. Aging stressing includes Level 1 moisture reflow preconditioning (24hr
+125°C bake, 168hr 85°C/85%RH moisture soak, and 3 solder reflow passes +240 +0/-5°C peak) followed by 1000hr
max VCC biased 125°C HTOL, 1000 temperature cycles at -55°C to +125°C, and 168hr 121°C/2 ATM Steam/Unbiased
Autoclave.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EEPROM Writes
+70°C (Note 4)
10,000
SUPPLY CURRENT vs. FREQUENCY
VCC = 3.3V, 2φ MODE
fOUT (MHz)
1.00
0.5
1.5
1.0
2.0
2.5
0
0.1
10.00
SUPPLY CURRENT vs. SUPPLY VOLTAGE
fOUT = 1MHz, 2φ MODE
SUPPLY VOLTAGE (V)
3.45
3.30
3.15
0.75
1.00
1.25
1.50
0.50
3.00
3.60
TA = +85C
TA = +25C
TA = -40C
DUTY CYCLE vs. SUPPLY VOLTAGE
fOUT = 2MHz, 2φ MODE
SUPPLY VOLTAGE (V)
3.45
3.30
3.15
50.25
50.50
50.75
51.00
50.00
3.00
3.60
TA = +85°C
TA = +25°C
TA = -40°C
Nonvolatile Memory Characteristics
Typical Operating Characteristics
www.maximintegrated.com
Maxim Integrated │ 4
DS1094L
Multiphase Spread-Spectrum EconOscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com