Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV199 Datasheet(PDF) 13 Page - FutureWafer Tech Co.,Ltd

Part # BAV199
Description  Surface Mount Switching Diode Array
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAV199 Datasheet(HTML) 13 Page - FutureWafer Tech Co.,Ltd

Back Button BAV199 Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 10Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 11Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 12Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 13Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 14Page - FutureWafer Tech Co.,Ltd BAV199 Datasheet HTML 15Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Surface Mount Switching Diode Array
www.futurewafer.com.tw
BAV199 Family
Document Number:F31836A
22-Jul-2021 V 2.0
23. Surface Mount Reel Specification
Dimension Tape Width Reel Size A
B
C
D
N
G
T
Value
8 mm
7”
178
±2
2.0
+0.5-0
13
+0.5-0.2
20.5
±0.2
55
±5
8.4
+1.5/ -0.0
14.4
24. Tape Leader and Trailer Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com