Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2DB Datasheet(PDF) 5 Page - FutureWafer Tech Co.,Ltd

Part # ES2DB
Description  2A Surface Mount Super Fast Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

ES2DB Datasheet(HTML) 5 Page - FutureWafer Tech Co.,Ltd

  ES2DB Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd ES2DB Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd ES2DB Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd ES2DB Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd ES2DB Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd ES2DB Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ES2DB / ES2GB / ES2JB
2A Surface Mount Super Fast Rectifier
Document Number:F418289
17-Mar-2021 V 2.0
www.futurewafer.com.tw
Tape & Reel Information
W
A
B
C
d1
d
E
F
P
P0
T
D
D1
D2
G
W1
12.00
2.79
5.33
2.36
1.50
1.50
1.75
5.50
8.00
4.00
0.30
330.0
72
13.00
12.40
13.00
±
0.3
±
0.1
±
0.1
±
0.1
max
±
0.1
±
0.1
±
0.1
±
0.1
±
0.1
±
0.1
±
0.3
min
±
0.2
min
min



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com