Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS01 Datasheet(PDF) 3 Page - CUI INC

Part # TS01
Description  TACTILE SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

TS01 Datasheet(HTML) 3 Page - CUI INC

  TS01 Datasheet HTML 1Page - CUI INC TS01 Datasheet HTML 2Page - CUI INC TS01 Datasheet HTML 3Page - CUI INC TS01 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cuidevices.com
CUI Devices
│ SERIES: TS01 │ DESCRIPTION: TACTILE SWITCH
date 09/20/2021
│ page 3 of 4
PACKAGING
A=160mm
B=190mm
C=160mm
D=216mm
E=48mm
X=350mm
Y=455
Z=280mm
units: mm
Bag Size: 190 x 160 mm
Carton Box Size: 445 x 350 x 280 mm
Bag QTY: 1,000 pcs per box
Carton Box QTY: 60,000 pcs per bag
Additional Resources: Product Page



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com