Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS02 Datasheet(PDF) 1 Page - CUI INC

Part # TS02
Description  TACTILE SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

TS02 Datasheet(HTML) 1 Page - CUI INC

  TS02 Datasheet HTML 1Page - CUI INC TS02 Datasheet HTML 2Page - CUI INC TS02 Datasheet HTML 3Page - CUI INC TS02 Datasheet HTML 4Page - CUI INC TS02 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
date 09/21/2021
page 1 of 5
cuidevices.com
SERIES: TS02
│ DESCRIPTION: TACTILE SWITCH
FEATURES
• through hole
• long crimped pins
• short crimped pins
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
1
12
Vdc
rated current
0.01
50
mA
withstanding voltage
for 1 minute
250
Vac
contact resistance
applying load of 2 times operating force at 5 Vdc, 10 mA
100
mΩ
insulation resistance
at 100 Vdc for 1 minute
100
MΩ
operating force
see force table
actuator travel
0.15
0.25
0.35
mm
operating temperature
-30
80
°C
storage temperature
-40
90
°C
life
rated load, 2 cycles/second, 1.5 times operating force
100 gf models
160 gf models
260 gf models
100,000
80,000
60,000
cycles
cycles
cycles
vibration
10~55~10 Hz, 1.5 mm amplitude, 2 hours on each XYZ
flammability rating
see material table
RoHS
yes
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for maximum 3 seconds
350
°C
wave soldering
for maximum 5 seconds
260
°C
PART NUMBER KEY
Base Number
TS02 - 66 - XX - BK - XXX - XXX - D
Actuator Height:
43 = 4.3 mm
80 = 8.0 mm
130 = 13.0 mm
50 = 5.0 mm
90 = 9.0 mm
*140 = 14.0 mm
*55 = 5.5 mm 95 = 9.5 mm
150 = 15.0 mm
60 = 6.0 mm
100 = 10.0 mm 153 = 15.3 mm
70 = 7.0 mm
110 = 11.0 mm *160 = 16.0 mm
73 = 7.3 mm
*120 = 12.0 mm 170 = 17.0 mm
Terminals:
SCR = Short Crimped
LCR = Long Crimped
Push Force:
100 = 100 gf
160 = 160 gf
260 = 260 gf
Note: *Only available with LCR (long crimped) terminals.
Additional Resources: Product Page


Similar Part No. - TS02

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS02 SUNTAN-TS02 Datasheet
225Kb / 1P
METALLIZED POLYESTER FILM CAPACITOR
TS02A SUNTAN-TS02A Datasheet
103Kb / 1P
METALLIZED POLYESTER FILM CAPACITOR-AC-MFA
logo
ITT Industries
TS02ABE ITT-TS02ABE Datasheet
248Kb / 3P
Tiny Slide Switches
TS02ABF ITT-TS02ABF Datasheet
248Kb / 3P
Tiny Slide Switches
TS02AGE ITT-TS02AGE Datasheet
248Kb / 3P
Tiny Slide Switches
More results

Similar Description - TS02

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
Tactile Switch
B3M OMRON-B3M Datasheet
261Kb / 4P
Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
Tactile Switch
logo
CUI INC
TS04 CUI-TS04 Datasheet
429Kb / 5P
TACTILE SWITCH
11/03/2021
TS05 CUI-TS05 Datasheet
470Kb / 4P
TACTILE SWITCH
09/20/2021
TS12 CUI-TS12 Datasheet
971Kb / 6P
TACTILE SWITCH
04/14/2022
TS13 CUI-TS13 Datasheet
345Kb / 4P
TACTILE SWITCH
04/13/2022
TS16 CUI-TS16 Datasheet
389Kb / 5P
TACTILE SWITCH
04/13/2022
TS19 CUI-TS19 Datasheet
424Kb / 4P
TACTILE SWITCH
05/10/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com