Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR5L60HT Datasheet(PDF) 4 Page - FutureWafer Tech Co.,Ltd

Part # SBR5L60HT
Description  Schottky Barrier Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SBR5L60HT Datasheet(HTML) 4 Page - FutureWafer Tech Co.,Ltd

  SBR5L60HT Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SBR5L60HT Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SBR5L60HT Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SBR5L60HT Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SBR5L60HT Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd SBR5L60HT Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd SBR5L60HT Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd SBR5L60HT Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd SBR5L60HT Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SBR5L60HT
Schottky Barrier Diode
Document No.: F21825Q
05-NOV-2021 V 2.0
www.futurewafer.com.tw
FQE-001-04
4/9
3-4. Ratings and Characteristics Curve
Fig 1. Maximum Forward Current Derating Curve
TM - Mount Temperature (°C)
TM measured at cathode
terminal mount typical values
Fig 2. Typical Instantaneous Forward Characteristics
Instantaneous Forward Voltage, VF (V)
TJ=25°C
TJ=100°C
TJ=125°C
Reverse Voltage, VR (V)
Fig 3. Typical Reverse Current Characteristics
TJ=25°C
TJ=100°C
TJ=125°C
Fig 4. Typical Junction Capacitance
TJ = 25 °C
f = 1.0 MHz
Vsig = 50 mVp-p
Reverse Voltage, VR (V)
Fig 5. Maximum Non-repetitive Forward Surge Current
Number of Cycles at 60HZ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com