Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBR05L080AF Datasheet(PDF) 4 Page - FutureWafer Tech Co.,Ltd

Part # TBR05L080AF
Description  Trench MOS Barrier Schottky Rectifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

TBR05L080AF Datasheet(HTML) 4 Page - FutureWafer Tech Co.,Ltd

  TBR05L080AF Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd TBR05L080AF Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd TBR05L080AF Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd TBR05L080AF Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd TBR05L080AF Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd TBR05L080AF Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd TBR05L080AF Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd TBR05L080AF Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd TBR05L080AF Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TBR05L080A/AF/B/BF/C/HT
Trench MOS Barrier Schottky Rectifier
Document Number: F22037W
05-OCT-2021 V 2.1
www.futurewafer.com.tw
4/18
3-4. Ratings and Characteristics Curve
D=0.1
D=0.2
D=0.3
D=0.5
D=0.8
D=1.0
TJ = 25 °C
f = 1.0 MHz
Vsig = 50 mVp-p
Fig 2. Typical Instantaneous Forward Characteristics
Instantaneous Forward Voltage, VF (V)
TJ=25°C
TJ=125°C
TJ=100°C
TJ=150°C
Percent of Rated Peak Reverse Voltage, VR (%)
Fig 3. Typical Reverse Current Characteristics
TJ=25°C
TJ=125°C
TJ=100°C
TJ=150°C
Fig 4. Typical Junction Capacitance
Reverse Voltage, VR (V)
t - Pulse Duration (s)
Junction To Ambient
Fig 1. Maximum Forward Current Derating Curve
TM - Mount Temperature (°C)
Fig 5. Forward Power Loss Characteristics
Average Forward Current (A)
TM = 125°C
TA = 25°C
Fig 6. Typical Transient Thermal Impedance
TM measured at cathode
terminal mount typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com