Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP6530A-R47M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRP6530A-R47M
Description  SRP6530A Series ??Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP6530A-R47M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRP6530A-R47M Datasheet HTML 1Page - Bourns Electronic Solutions SRP6530A-R47M Datasheet HTML 2Page - Bourns Electronic Solutions SRP6530A-R47M Datasheet HTML 3Page - Bourns Electronic Solutions SRP6530A-R47M Datasheet HTML 4Page - Bourns Electronic Solutions SRP6530A-R47M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SRP6530A Series - Shielded Power Inductors
Soldering Profile
250
200
150
100
50
0
0
50
100
150
200
250
Temperature
Rising Area
Preheat
Area
Reflow
Area
Forced Cooling
Area
+4.0 °C/sec. max.
+3.0 °C/sec. max.
150~200 °C / 60~120 sec.
-(1.0~5.0) °C/sec. max.
60~120 sec.
60~150 sec.
60 sec.
max.
Peak Temperature: 250 °C
217 °C
Peak Temp.: 250 °C max.
Max. Peak Temp.: -5 °C
30 sec. max
Max. Time Above 217 °C:
60~150 sec. max.
Time (Seconds)
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Inductance vs. IDC
L @ 25 °C
∆T @ 25 °C
∆T @ 25 °C
L @ 125 °C
SRP6530A-R22M
L @ 25 °C
L @ 125 °C
SRP6530A-1R0M
L @ 25 °C
L @ 125 °C
SRP6530A-3R3M
L @ 25 °C
L @ 125 °C
SRP6530A-100M
SRP6530A-1R0M
∆T @ 25 °C
SRP6530A-3R3M
∆T @ 25 °C
SRP6530A-100M
SRP6530A-R22M
120 %
100 %
80 %
60 %
40 %
20 %
0 %
120 %
100 %
80 %
60 %
40 %
20 %
0 %
50
40
30
20
10
0
50
40
30
20
10
0
50
40
30
20
10
0
50
40
30
20
10
0
10.0
6.0
12.0
18.0
24.0
30.0
20.0
30.0
40.0
50.0
0.0
10.0
15.0
20.0
5.0
25.0
0.0
0.0
IDC (A)
2.4
4.8
7.2
9.6
12.0
0.0
IDC (A)
1.4
2.8
4.2
5.6
7.0
0.0
IDC (A)
120 %
100 %
80 %
60 %
40 %
20 %
0 %
120 %
100 %
80 %
60 %
40 %
20 %
0 %
IDC (A)
IDC (A)
2.8
5.6
8.4
11.2
14.0
0.0
IDC (A)
10.0
8.0
6.0
4.0
2.0
0.0
IDC (A)
8.0
6.4
4.8
3.2
1.6
0.0
IDC (A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com