Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP6530A-R82M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP6530A-R82M
Description  SRP6530A Series ??Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP6530A-R82M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP6530A-R82M Datasheet HTML 1Page - Bourns Electronic Solutions SRP6530A-R82M Datasheet HTML 2Page - Bourns Electronic Solutions SRP6530A-R82M Datasheet HTML 3Page - Bourns Electronic Solutions SRP6530A-R82M Datasheet HTML 4Page - Bourns Electronic Solutions SRP6530A-R82M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SRP6530A Series – Shielded Power Inductors
Features
n
Shieldedconstructionforlowradiation
n
Metalalloypowdercore
n
Highsaturationcurrent
n
Lowbuzznoise
n
AEC-Q200compliant
n
RoHScompliant*andhalogenfree**
Electrical Specifications @ 25 °C
Bourns Part No.
Inductance
@ 500 kHz / 0.25 V
Q
(MHz)
Typ.
Q Test
Freq.
(MHz)
SRF
(MHz)
Typ.
DCR
(mW)
Typ.
DCR
(mW)
Max.
Irms
(A)
Typ.
Isat
(A)
Typ.
L (mH)
Tol. %
SRP6530A-R10M
0.10
20
14
25.2
200
1.5
1.7
34.0
70.0
SRP6530A-R22M
0.22
20
12
25.2
145
2.5
2.8
25.5
50.0
SRP6530A-R33M
0.33
20
12
25.2
140
3.5
3.9
21.5
35.0
SRP6530A-R47M
0.47
20
10
25.2
80
4.0
4.2
21.0
30.0
SRP6530A-R56M
0.56
20
12
25.2
78
5.0
5.5
18.0
28.0
SRP6530A-R68M
0.68
20
8
25.2
75
5.1
5.5
17.5
28.0
SRP6530A-R82M
0.82
20
8
25.2
68
6.7
7.8
14.0
26.0
SRP6530A-1R0M
1.00
20
30
7.96
58
9.0
10.0
12.0
25.0
SRP6530A-1R5M
1.50
20
30
7.96
45
14.0
15.0
10.0
18.0
SRP6530A-2R2M
2.20
20
30
7.96
30
18.0
20.0
10.0
14.0
SRP6530A-3R3M
3.30
20
24
7.96
25
28.0
30.0
8.0
13.5
SRP6530A-4R7M
4.70
20
21
7.96
22
37.0
40.0
6.0
11.0
SRP6530A-5R6M
5.60
20
21
7.96
20
52.0
60.0
5.8
10.5
SRP6530A-6R8M
6.80
20
26
2.52
17
54.0
60.0
5.5
9.0
SRP6530A-8R2M
8.20
20
26
2.52
12
64.0
68.0
5.0
7.5
SRP6530A-100M
10.0
20
26
2.52
10
102.0 105.0
4.0
7.0
General Specifications
Operating Temperature
................................ -55 °C to +155 °C
(Temperature rise included)
Storage Temperature (Component)
................................ -55 °C to +155 °C
Temperature Rise .... 40 °C at rated Irms1
Rated Current
............. Inductance drops 30 % at Isat
Rated Voltage.................................. 50 V
MSL .......................................................1
ESD Classification (HBM)..................N/A
Note1:Circuitdesign,component,PCBtracesizeand
thickness,airflowandothercoolingprovisionsallcan
affecttheparttemperature.Parttemperatureshouldbe
verifiedintheendapplication.
Materials
Core...........................Metal alloy powder
Wire .............................Enameled copper
Terminal Finish ...............................Ni/Sn
Packaging...... 1000 pcs. per 13-inch reel
How to Order
SRP6530A - 100M
Model
Value Code (see table)
Schematic
* RoHSDirective2015/863,Mar31,2015andAnnex.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine
(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageof
thisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
R10
7.10 ± 0.30
(.280 ± .012)
TOP VIEW
SIDE VIEW
BOTTOM VIEW
3.00
(.118)
MAX.
6.60 ± 0.30
(.260 ± .012)
1.60 ± 0.50
(.063 ± .020)
3.00 ± 0.30
(.118 ± .012)
Product Dimensions
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
Recommended Layout
3.70
(.146)
3.40
(.134)
7.40
(.291)
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT


Similar Part No. - SRP6530A-R82M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP6540 BOURNS-SRP6540 Datasheet
1Mb / 4P
Shielded Power Inductors
SRP6540-100M BOURNS-SRP6540-100M Datasheet
1Mb / 4P
Shielded Power Inductors
SRP6540-150M BOURNS-SRP6540-150M Datasheet
1Mb / 4P
Shielded Power Inductors
SRP6540-1R0M BOURNS-SRP6540-1R0M Datasheet
1Mb / 4P
Shielded Power Inductors
SRP6540-1R5M BOURNS-SRP6540-1R5M Datasheet
1Mb / 4P
Shielded Power Inductors
More results

Similar Description - SRP6530A-R82M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP1270 BOURNS-SRP1270 Datasheet
288Kb / 3P
SRP1270 Series - Shielded Power Inductors
SRP0312 BOURNS-SRP0312 Datasheet
222Kb / 5P
SRP0312 Series - Shielded Power Inductors
SRP1245C BOURNS-SRP1245C Datasheet
228Kb / 5P
SRP1245C Series - Shielded Power Inductors
SRP1265C BOURNS-SRP1265C Datasheet
680Kb / 5P
SRP1265C Series - Shielded Power Inductors
SRP3020C BOURNS-SRP3020C Datasheet
208Kb / 5P
SRP3020C Series ??Shielded Power Inductors
SRP0410 BOURNS-SRP0410 Datasheet
756Kb / 5P
SRP0410 Series - Shielded Power Inductors
REV. 06/22
SRP0412 BOURNS-SRP0412 Datasheet
671Kb / 5P
SRP0412 Series - Shielded Power Inductors
SRP0415 BOURNS-SRP0415 Datasheet
591Kb / 5P
SRP0415 Series - Shielded Power Inductors
REV. 04/21
SRP0512 BOURNS-SRP0512 Datasheet
583Kb / 5P
SRP0512 Series - Shielded Power Inductors
REV. 04/21
SRP1265WA BOURNS-SRP1265WA Datasheet
696Kb / 5P
SRP1265WA Series - Shielded Power Inductors
01/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com