Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM0002 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCM0002
Description  Condition Monitoring Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCM0002 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCM0002 Datasheet HTML 1Page - Balluff Korea Ltd. BCM0002 Datasheet HTML 2Page - Balluff Korea Ltd. BCM0002 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Condition Monitoring Sensors
BCM R15E-002-DI00-01,5-S4
Order Code: BCM0002
Internet
www.balluff.com
eCl@ss 9.1: 27-20-90-90
Subject to change without notice: 279554
ETIM 6.0:
BCM0002_0.38_2021-08-13
1 / 3
1) Membrane, 2) LED orange, 3) LED green, 4) Cable length
Basic features
Approval/Conformity
CE
cULus
EAC
WEEE
Function
Vibration Velocity
Vibration Acceleration
Vibration Severity Zone
Contact Temperature
Relative Humidity
Ambient Pressure
Sensor Self-Awareness
Principle of operation
Condition Monitoring Sensors
Series
R15
Display/Operation
Display
Run - LED green
Communication - LED green,
slow flashing (1 Hz)
Ping - LED green, asyncronous
very fast flashing (4 Hz) and fast
flashing (2 Hz)
Event - LED orange, fast flashing
(2 Hz)
Electrical connection
Bending radius min., fixed cable
3 x D
Bending radius min., flexible cable
5 x D
Cable diameter D
2.9 mm +0.1/-0.05 mm
Conductor cross-section
0.14 mm²
Connection
Cable with connector, M12x1-
Male, 3-pin, 1.5 m, PUR
Number of conductors
3
Polarity reversal protected
yes
Protection against device mix-ups
yes
Short-circuit protection
yes
Electrical data
Current draw max.
10 mA
Operating voltage Ub
18...30 VDC
Protection class
III
Rated operating voltage Ue DC
24 V
Ready delay tv max.
1.5 s
Environmental conditions
Ambient temperature
0...70 °C
EN 61000-4-2, ESD
Severity Level 2
EN 61000-4-3, RFI
Severity Level 3
EN 61000-4-4, Burst
Severity Level 4
EN 61000-4-6, High-frequency fields
Severity Level 3
IP rating
IP67
Storage temperature
-20...70 °C


Similar Part No. - BCM0002

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCM0001 BALLUFF-BCM0001 Datasheet
119Kb / 3P
Condition Monitoring Sensors
More results

Similar Description - BCM0002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FXTH871502DT1 NXP-FXTH871502DT1 Datasheet
206Kb / 2P
Tire Pressure Monitoring Sensors 100-1500 kPa
REV 0
logo
TE Connectivity Ltd
830M1 TEC-830M1 Datasheet
694Kb / 15P
830M1 TRIAXIAL CONDITION MONITORING ACCELEROMETER
logo
WAGO Kontakttechnik Gmb...
750-645 WAGO-750-645 Datasheet
521Kb / 12P
2-channel vibration velocity/bearing condition monitoring VIB I/O
logo
Balluff Korea Ltd.
BES05Y7 BALLUFF-BES05Y7 Datasheet
117Kb / 2P
Smart Automation and Monitoring System Inductive Sensors
BCM0001 BALLUFF-BCM0001 Datasheet
119Kb / 3P
Condition Monitoring Sensors
logo
Advantech Co., Ltd.
BB-WSK-CBM-2 ADVANTECH-BB-WSK-CBM-2 Datasheet
544Kb / 2P
Wzzard??Condition Based Monitoring Starter Kit
logo
Balluff Korea Ltd.
BES0601 BALLUFF-BES0601 Datasheet
118Kb / 2P
Smart Automation and Monitoring System Inductive Sensors
0.26_2022-06-02
logo
STMicroelectronics
STEVAL-PROTEUS1 STMICROELECTRONICS-STEVAL-PROTEUS1 Datasheet
1Mb / 10P
Industrial sensor evaluation kit for condition monitoring based on the 2.4 GHz STM32WB5MMG module
logo
Omron Electronics LLC
K6CM-CI OMRON-K6CM-CI Datasheet
1Mb / 40P
Motor Condition Monitoring Device
2020.10
logo
Advantech Co., Ltd.
WISE-2410X ADVANTECH-WISE-2410X Datasheet
436Kb / 2P
Explosion Proof LoRaWAN Wireless Condition Monitoring Sensor
23-Aug-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com