Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5091 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP5091
Description  Ultralow Power Energy Harvester PMUs with MPPT and Charge Management
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5091 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP5091 Datasheet HTML 20Page - Analog Devices ADP5091 Datasheet HTML 21Page - Analog Devices ADP5091 Datasheet HTML 22Page - Analog Devices ADP5091 Datasheet HTML 23Page - Analog Devices ADP5091 Datasheet HTML 24Page - Analog Devices ADP5091 Datasheet HTML 25Page - Analog Devices ADP5091 Datasheet HTML 26Page - Analog Devices ADP5091 Datasheet HTML 27Page - Analog Devices ADP5091 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADP5091/ADP5092
Data Sheet
Rev. A | Page 24 of 28
CAPACITOR SELECTION
Low leakage capacitors are required for ultralow power
applications that are sensitive to the leakage current. Any
leakage from the capacitors reduces efficiency, increases the
quiescent current, and degrades the MPPT effectiveness.
Input Capacitor
A capacitor (CIN) connected to the VIN pin and the PGND pin
stores energy from the input source. For the energy harvester,
capacitive behavior dominates the source impedance. Scale the
input capacitor according to the value of the output capacitance
of the energy harvester; a minimum of 10 µF is recommended.
For the primary battery application, a larger capacitance helps
to reduce the input voltage ripple and keeps the source current
stable to extend the battery life.
SYS Capacitor
The ADP5091/ADP5092 require two capacitors to be connected
between the SYS pin and the PGND pin. Connect a low ESR
ceramic capacitor of at least 4.7 µF parallel to a high frequency,
0.1 µF bypass capacitor. Connect the bypass capacitor as close as
possible between SYS and PGND.
REG_OUT Capacitor
The ADP5091/ADP5092 regulated output is designed for
operation with small, space-saving ceramic capacitors but
functions with the most commonly used capacitors as long as
care is taken with regard to the effective series resistance (ESR)
value. The ESR of the output capacitor affects stability of the
LDO control loop. A minimum capacitance of 4.7 µF with an
ESR of 1 Ω or less is recommended to ensure stability of the
regulated output. Transient response to changes in load current
is also affected by output capacitance. Using a larger value of
output capacitance improves the transient response of the
regulated output to large changes in load current.
CBP Capacitor
The operation of the MPPT pin depends on the sampled value
of the OCV. The voltage stored on the CBP capacitor regulates
to the VIN pin. This capacitor is sensitive to leakage because the
holding period is around 16 sec. As the capacitor voltage drops
due to leakage, the VIN regulation voltage also drops and
influences the effectiveness of MPPT. When the IC junction
temperature exceeds 85°C, a larger capacitance is beneficial to
the effectiveness of MPPT, and for a higher CPB pin leakage
current. It is recommended to keep the same RC time constant
of the MPPT resistors and CBP capacitor (up to 22 µF) as shown
in the typical application circuit in Figure 45. Considering the
time constant of the MPPT resistor divide and the CBP capacitor, a
low leakage X7R or C0G 10 nF ceramic capacitor is recommended.
LAYOUT AND ASSEMBLY CONSIDERATIONS
Carefully consider the printed circuit board (PCB) layout
during the design of the switching power supply, especially at
high peak currents and high switching frequency. Therefore, it
is recommended to use wide and short traces for the main power
path and the power ground paths. Place the input capacitors,
output capacitors, inductor, and storage elements as close as
possible to the IC. It is most important for the boost regulator to
minimize the power path from output to ground. Therefore,
place the output capacitor as close as possible between the SYS
pin and the PGND pin. Keep a minimum power path from the
input capacitor to the inductor from the VIN pin to the PGND
pin. Place the input capacitor as close as possible between the
VIN pin and the PGND pin, and place the inductor close to the
VIN pin and the SW pin. It is best to use vias and bottom traces
for connecting the inductors to their respective pins. To minimize
noise pickup by the high impedance threshold setting nodes
(REF, TERM, SETBK, SETSD, and SETPG), place the external
resistors close to the IC with short traces.
The CBP capacitor must hold the MPPT voltage for 16 sec,
because any leakage can degrade the MPPT effectiveness. During
board assembly and cleaning, contaminants such as solder flux
and residue may form parasitic resistance to ground, especially
in humid environments with fast airflow. Contamination can
significantly degrade the voltage regulation and change threshold
levels set by the external resistors. Therefore, it is recommended
that no ground planes be poured near the CBP capacitor or the
threshold setting resistors. In addition, carefully clean the boards. If
possible, clean ionic contamination with deionized water for the
CBP capacitor and the threshold setting resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com