Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5092 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5092
Description  Ultralow Power Energy Harvester PMUs with MPPT and Charge Management
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5092 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5092 Datasheet HTML 17Page - Analog Devices ADP5092 Datasheet HTML 18Page - Analog Devices ADP5092 Datasheet HTML 19Page - Analog Devices ADP5092 Datasheet HTML 20Page - Analog Devices ADP5092 Datasheet HTML 21Page - Analog Devices ADP5092 Datasheet HTML 22Page - Analog Devices ADP5092 Datasheet HTML 23Page - Analog Devices ADP5092 Datasheet HTML 24Page - Analog Devices ADP5092 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADP5091/ADP5092
Rev. A | Page 21 of 28
THERMAL SHUTDOWN
In the event that the ADP5091/ADP5092 junction temperature
rises above 142°C, the thermal shutdown circuit turns off the
switch between the BAT pin and the SYS pin to prevent the
damage of the energy storage at a high ambient temperature. In
addition, the boost operation terminates. A 15°C hysteresis is
included, allowing the ADP5091/ADP5092 to return to operation
when the on-chip temperature drops to less than 127°C. When
exiting thermal shutdown, the boost and the energy storage
controller resume their functions.
Table 8. Programming Threshold Resistors (See Figure 42)
Voltage Threshold (V)
RBK1, RSD1, and RPG1 (MΩ)
RBK2, RSD2, and RPG2 (MΩ)
RTERM1 (MΩ)
RTERM2 (MΩ)
2
5
5
Not applicable
Not applicable
2.1
5.23
4.75
Not applicable
Not applicable
2.2
5.49
4.53
3.2
6.81
2.3
5.62
4.32
3.48
6.49
2.4
5.9
4.12
3.74
6.2
2.5
6.04
4
4
6.04
2.6
6.19
3.83
4.22
5.76
2.7
6.34
3.74
4.42
5.6
2.8
6.49
3.57
4.64
5.36
2.9
6.6
3.48
4.87
5.23
3
6.65
3.32
5
5
3.1
6.8
3.24
5.11
4.87
3.2
6.81
3.09
5.36
4.7
3.3
6.98
3.01
5.49
4.53
3.4
6.98
2.94
5.6
4.42
3.5
7.15
2.87
5.76
4.3
3.6
7.15
2.8
5.9
4.12
3.7
7.32
2.7
5.9
4.02
3.8
7.32
2.61
6.04
3.92
3.9
7.5
2.55
6.19
3.83
4
7.5
2.5
6.2
3.74
4.1
7.5
2.43
6.34
3.65
4.2
7.68
2.37
6.49
3.57
4.3
7.68
2.32
6.49
3.48
4.4
7.68
2.26
6.6
3.4
4.5
7.87
2.21
6.65
3.32
4.6
7.87
2.15
6.8
3.24
4.7
7.87
2.15
6.81
3.2
4.8
7.87
2.1
6.81
3.09
4.9
7.87
2.05
6.98
3.09
5
8.06
2
6.98
3
5.1
8.06
1.96
6.98
2.94
5.2
8.06
1.91
7.15
2.87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com