Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5360 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5360
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5360 Datasheet HTML 9Page - Analog Devices ADP5360 Datasheet HTML 10Page - Analog Devices ADP5360 Datasheet HTML 11Page - Analog Devices ADP5360 Datasheet HTML 12Page - Analog Devices ADP5360 Datasheet HTML 13Page - Analog Devices ADP5360 Datasheet HTML 14Page - Analog Devices ADP5360 Datasheet HTML 15Page - Analog Devices ADP5360 Datasheet HTML 16Page - Analog Devices ADP5360 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Data Sheet
ADP5360
Rev. 0 | Page 13 of 60
4.10
4.15
4.20
4.25
4.30
TEMPERATURE (°C)
–40
–20 –10
0
–30
1020
304050
60
70
80
Figure 10. VTRM vs. Temperature, VTRM = 4.2 V
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
TEMPERATURE (°C)
VISOB = 2.7V
VISOB = 3V
VISOB = 3.6V
VISOB = 4.2V
VISOB = 4.6V
–40
–20 –10
0
–30
10
20
30
40
50
60
70
80
Figure 11. ADC Voltage Sense Accurarcy vs. Temperature, VVBUS = 0 V
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (mA)
0
50
100
150
200
250
300
350
400
450
500
VOUT1 = 1.2V
VOUT1 = 3.3V
Figure 12. Buck Efficiency vs. Output Current, VVIN1 = 3.6 V, PWM Mode
TEMPERATURE (°C)
95
96
97
98
99
100
101
102
103
104
105
–40
–20 –10
0
–30
10
20
30
40
50
60
70
80
Figure 13. Charge Current vs. Temperature, ICHG = 100 mA
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
100
OUTPUT CURRENT (mA)
VVOUT2 = 1.8V
VVOUT2 = 3.3V
VVOUT2 = 5V
Figure 14. Buck Boost Efficiency vs. Output Current, VVIN2 = 3.6 V
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
100
OUTPUT CURRENT (mA)
VOUT1 = 1.8V
VOUT1 = 3.3V
VOUT1 = 5V
Figure 15. Buck Efficiency vs. Output Current, VVIN1 = 3.8 V,
Hysteresis Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com