Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZBYP2103C0 Datasheet(PDF) 1 Page - Schneider Electric

Part # ZBYP2103C0
Description  legend plate with marche marking color plated grey
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZBYP2103C0 Datasheet(HTML) 1 Page - Schneider Electric

  ZBYP2103C0 Datasheet HTML 1Page - Schneider Electric ZBYP2103C0 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
legend plate with marche marking
color plated grey
ZBYP2103C0
Product availability : Non-Stock - Not normally stocked in
distribution facility
Price* : 4.20 USD
Main
Product or Component Type
Legend plate
Accessory / separate part
category
Marking accessory
Complementary
Material
Plastic
Device composition
Legend plate
Marked legend
Accessory / separate part
destination
Ø 22 mm control or signalling unit
For standard head
Colour
Color plated grey
Range Compatibility
Harmony XB4
Harmony XB5
Legend holder size
30 x 40 mm
Marking
White MARCHE
User Language
French
Ordering and shipping details
Category
22467 - PUSHBUTTONS,22MM(PLASTIC) NEW
Discount Schedule
CS2
GTIN
3606489756055
Nbr. of units in pkg.
10
Package weight(Lbs)
10 lb(US) (4.54 kg)
Returnability
No
Packing Units
Package 1 Height
0.04 in (0.100 cm)
Package 1 width
0.04 in (0.100 cm)
Package 1 Length
0.04 in (0.100 cm)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Nov 15, 2021
1


Similar Part No. - ZBYP2103C0

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZBYP2103C1 SCHNEIDER-ZBYP2103C1 Datasheet
71Kb / 2P
legend plate with marche marking color plated white
Nov 15, 2021
More results

Similar Description - ZBYP2103C0

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZBYM2103 SCHNEIDER-ZBYM2103 Datasheet
70Kb / 2P
legend plate metal with marche marking
Nov 8, 2021
ZBYM2166 SCHNEIDER-ZBYM2166 Datasheet
70Kb / 2P
legend plate metal with arret-marche marking
Nov 8, 2021
ZBYP2101C0 SCHNEIDER-ZBYP2101C0 Datasheet
72Kb / 2P
legend plate 30 x 40 1 row color plated grey
Nov 15, 2021
ZBYP2103 SCHNEIDER-ZBYP2103 Datasheet
69Kb / 1P
legend plate with marche marking
Nov 15, 2021
ZBYP2103C1 SCHNEIDER-ZBYP2103C1 Datasheet
71Kb / 2P
legend plate with marche marking color plated white
Nov 15, 2021
ZBYP2104C0 SCHNEIDER-ZBYP2104C0 Datasheet
73Kb / 2P
legend plate with arret marking color plated grey
Nov 15, 2021
ZBYP2104C1 SCHNEIDER-ZBYP2104C1 Datasheet
70Kb / 2P
legend plate with arret marking color plated white
Nov 15, 2021
ZBYP2166 SCHNEIDER-ZBYP2166 Datasheet
69Kb / 1P
markinglegend plate with arret-marche marking
ZBYP2166C0 SCHNEIDER-ZBYP2166C0 Datasheet
73Kb / 2P
legend plate with arret-marche marking color plated grey
ZBYP2178C0 SCHNEIDER-ZBYP2178C0 Datasheet
72Kb / 2P
legend plate with o-i marking color plated grey
Nov 15, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com