Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX22005 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX22005
Description  12-Channel Factory-Calibrated Configurable Industrial-Analog Input
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22005 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX22005 Datasheet HTML 17Page - Maxim Integrated Products MAX22005 Datasheet HTML 18Page - Maxim Integrated Products MAX22005 Datasheet HTML 19Page - Maxim Integrated Products MAX22005 Datasheet HTML 20Page - Maxim Integrated Products MAX22005 Datasheet HTML 21Page - Maxim Integrated Products MAX22005 Datasheet HTML 22Page - Maxim Integrated Products MAX22005 Datasheet HTML 23Page - Maxim Integrated Products MAX22005 Datasheet HTML 24Page - Maxim Integrated Products MAX22005 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
Table 3. SPI Transaction with CRC Disabled
BITS 31:25
BIT 24
BITS 23:0
Register Address
R/W
24-bit Payload
The MAX22005 implements the CRC-8/MAXIM algorithm with an 0x31 polynomial (x8 + x5 + x4 + x0), the same
polynomial that is used in Maxim’s 1-wire® products. This CRC algorithm uses reflected input and output bytes (i.e., LSB
first instead of MSB first on a byte basis; the byte order of the input sequence is not changed). The initial value is 0x00,
and the output is reported as is without any XOR operation.
This CRC can detect the following types of errors:
● Any odd number of errors anywhere within the 32-bit number
● All double-bit errors anywhere within the 32-bit number
● Any cluster of errors that can be contained within an 8-bit window (1–8 bits incorrect)
● Most large clusters of errors
For write transactions, the CRC is calculated on the 32 bits that precede it, namely the 7-bit register address, 1-bit read
or write control, and the 24-bit payload.
Here are two examples of write operations:
Write 0x00_0F00 to register GEN_CHNL_CTRL: 0x06_000F_0011
Write 0x34_0000 to register CHNL_CMD: 0x40_3400_00A0
For read transactions, the CRC sent by the MAX22005 back to the host is calculated on 32 bits made of the 8-bit header
received from the host (register address and read control) and the 24 bits of payload.
Here are two examples of read operations:
Read the default value from register GEN_CNFG: 0x05_1000_00CB
Read the default value from register DCHNL_STA: 0x43_0000_08AA
CRC is disabled by default. Refer to AN27 for more details.
Watchdog Timer
The MAX22005 features a watchdog timer for additional security of losing communication with the host controller.
The watchdog can be enabled in the GEN_CNFG register (0x02) by setting the TMOUT_EN bit and setting up the
TMOUT_CNFG, and TMOUT_SEL[3:0] bits for a desired interrupt behavior and timeout duration. The interrupt is
asserted on the INT pin and in TMOUT_INT bit in the GEN_INT register (0x07) if the duration between two properly
formatted SPI transactions exceeds the timeout period. A properly formatted transaction is a transaction that has a
minimum of 32 bits (if CRC is disabled) or 40 bits (if CRC is enabled). A properly formatted transaction is always
accounted for at the end of the transaction. Refer to the Register Map descriptions for more information.
Product Tracking
The MAX22005 includes a 32-bit wide unique serial number used for device tracking (SERIAL[32:0] in registers
GEN_PROD and GEN_REV).
In addition, an eight-bit product ID that helps to distinguish different parts of the industrial I/O family (PROD_ID[7:0] in
register GEN_PROD). The product ID can be decoded as follows:
Table 4. Product ID
BIT 7
6
5
4
3
2
1
0
Number of output Channels
Number of Input Channels
RTD/TC Support
The MAX22005 can accept up to 12 input channels; the product ID is 0x18.
The revision of the silicon is reflected in the eight-bit revision ID (REV_ID[7:0] in register GEN_REV).
Analog Input ADC
The analog input channels share one high-performance 24-bit delta-sigma analog-to-digital converter (ADC). The data
MAX22005
12-Channel Factory-Calibrated
Configurable Industrial-Analog Input
www.maximintegrated.com
Maxim Integrated | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com