Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX22191 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX22191
Description  Ultra-Low-Power, Parasitically Powered Digital Input
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22191 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX22191 Datasheet HTML 1Page - Maxim Integrated Products MAX22191 Datasheet HTML 2Page - Maxim Integrated Products MAX22191 Datasheet HTML 3Page - Maxim Integrated Products MAX22191 Datasheet HTML 4Page - Maxim Integrated Products MAX22191 Datasheet HTML 5Page - Maxim Integrated Products MAX22191 Datasheet HTML 6Page - Maxim Integrated Products MAX22191 Datasheet HTML 7Page - Maxim Integrated Products MAX22191 Datasheet HTML 8Page - Maxim Integrated Products MAX22191 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
VIN = 0V to 60V, VCC = 0V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VIN = 24V, REXT = 40.2kΩ (±1%),
and TA = +25°C. (Note 1)
Note 1: All units are production tested at TA = +25°C. Specifications over temperature are guaranteed by design and characterization.
Note 2: All voltages are referenced to ground, unless otherwise noted.
Note 3: VCC is an auxiliary supply input. When VCC is powered from an external 3V to 5.5V supply, the propagation delay is
reduced and the output changes from a current souce to a CMOS output. When using power from IN to power the device,
connect VCC to GND (VCC = 0V).
Note 4: See the Boost Current section for more information.
Note 5: Not production tested. Guaranteed by design
Note 6: Thermal shutdown protection is only enabled when VCC is present. Thermal shutdown does not occur when VCC = 0V.
Figure 1. Propagation Delay Test Circuit and Timing Diagram
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IN to OUT Low-to-High Propagation
Delay
tPDLH
CL = 15pF,
Figure 1
VCC = 0V,
RL = 1.5kΩ
250
ns
VCC = 3.0V,
RL is open
200
IN to OUT High-to-Low Propagation
Delay
tPDHL
CL = 15pF,
Figure 1
VCC = 0V,
RL = 1.5kΩ
250
ns
VCC = 3.0V,
RL is open
200
IN to OUT Propagation Delay Jitter
CL = 15pF, RMS jitter, Figure 1
250
ps
IN to OUT Propagation
Delay Skew, Part-to-Part
tSKEWP2P CL = 15pF,
Figure 1 (Note 5)
VCC = 0V,
RL = 1.5kΩ,
195
ns
3.0V ≤ VCC ≤ 5.5V,
RL is open
75
TEST Propagation Delay
VCC = 0V or 3V,
VIN = 11V
TEST low to high,
OUT high to low
1.5
μs
TEST high to low,
OUT low to high
1.8
MAX22191
Ultra-Low-Power, Parasitically Powered
Digital Input
www.maximintegrated.com
Maxim Integrated │ 4
CL
IN
REXT
VCC
OUT
MAX22191
RL
GND
TEST
VIN
IOUT
0V
0mA
VINTHU
90%
10%
tPDLH
tPDHL
VINTHL
+
-
AC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com