Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX22191 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX22191
Description  Home Bus System (HBS) Compatible Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22191 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX22191 Datasheet HTML 1Page - Maxim Integrated Products MAX22191 Datasheet HTML 2Page - Maxim Integrated Products MAX22191 Datasheet HTML 3Page - Maxim Integrated Products MAX22191 Datasheet HTML 4Page - Maxim Integrated Products MAX22191 Datasheet HTML 5Page - Maxim Integrated Products MAX22191 Datasheet HTML 6Page - Maxim Integrated Products MAX22191 Datasheet HTML 7Page - Maxim Integrated Products MAX22191 Datasheet HTML 8Page - Maxim Integrated Products MAX22191 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MAX22288
Home Bus System (HBS) Compatible Transceiver
www.maximintegrated.com
Maxim Integrated | 4
(RSRA = 120kΩ, VCC = 4.5V to 5.5V, VTVL = 1V, VTVT = 0.5V, TA = -40°C to +125°C. Typical values are at VCC = 5V, TA = +25°C,
unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Rise Time
Leading Edge
tRLD
RSRA = 120kΩ, RLOAD = 200Ω, Figure 1
0.9
1.5
2.5
µs
Output Fall Time
Leading Edge
tFLD
RSRA = 120kΩ, RLOAD = 200Ω, Figure 1
0.9
1.5
2.5
µs
Output Rise Time
Trailing Edge
tRTR
RSRA = 120kΩ, RLOAD = 200Ω, Figure 1
0.9
1.5
2.5
µs
Output Fall Time
Trailing Edge
tFTR
RSRA = 120kΩ, RLOAD = 200Ω, Figure 1
0.9
1.5
2.5
µs
Transmit Propagation
Delay
tTPROP
RSRA = 120kΩ, RLOAD = 200Ω, Figure 1
1.4
µs
Transmission Output
Symmetry
tSYM
RSRA = 120kΩ, RLOAD = 200Ω, Figure 1
-0.5
0
+0.5
µs
Termination Switching
Delay
tTERM
RSRA = 120kΩ, RLOAD = 200Ω, Figure 2
0.5
µs
Termination On-Time
tTRMON
RSRA = 120kΩ, RLOAD = 200Ω, Figure 2
19
34
63
µs
AC CHARACTERISTICS / RECEIVER (Note 2)
Receiver Propagation
Delay
tRPROP
= VCC, Figure 3
1
µs
Receiver High Pass
Filter Time Constant
tHP
= GND
1200
µs
Watchdog Timeout
tWDTO
Figure 4
8
21
44
ms
PROTECTION
ESD Protection AIO,
BIO, TERM to GND
(Note 3)
IEC 61000-4-2 air-gap discharge
±15
kV
ESD Protection AIO,
BIO, TERM to GND
(Note 3)
IEC 61000-4-2 contact discharge
±8
kV
ESD Protection (All
Pins)
Human Body Model
±4
kV
Note 1:
Limits are 100% tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design.
Note 2:
Not production tested. Guaranteed by design.
Note 3:
Guaranteed by design. Both air-gap and contact ESD are tested with no power connected to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com