Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX31091 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX31091
Description  Automotive Temperature Range Spread-Spectrum EconOscillator?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31091 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX31091 Datasheet HTML 1Page - Maxim Integrated Products MAX31091 Datasheet HTML 2Page - Maxim Integrated Products MAX31091 Datasheet HTML 3Page - Maxim Integrated Products MAX31091 Datasheet HTML 4Page - Maxim Integrated Products MAX31091 Datasheet HTML 5Page - Maxim Integrated Products MAX31091 Datasheet HTML 6Page - Maxim Integrated Products MAX31091 Datasheet HTML 7Page - Maxim Integrated Products MAX31091 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Typical Operating Characteristics (continued)
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
46
46.5
47
47.5
48
48.5
49
49.5
50
50.5
51
3
3.2
3.4
3.6
VCC (V)
DUTY CYCLE vs. SUPPLY VOLTAGE
NO DITHER
fOUT = 66MHz
fOUT = 200kHz
toc04
44
45
46
47
48
49
50
51
52
-40
10
60
110
TEMPERATURE (°C)
DUTY CYCLE vs. TEMPERATURE
NO DITHER
f
OUT = 66MHz
fOUT = 200kHz
toc05
0
0.5
1
1.5
2
2.5
3
3.5
TIME (ns)
OUTPUT RISE TIME
RISE TIME
= 1.02nS
TYPICAL AT
12pF LOAD
toc06
0
0.5
1
1.5
2
2.5
3
3.5
TIME (ns)
OUTPUT FALL TIME
RISE TIME
= 1.12nS
TYPICAL
AT 12pF
LOAD
toc07
-35
-30
-25
-20
-15
-10
-5
0
5
31.9
32.9
33.9
FREQUENCY (MHz)
SPECTRUM ATTENUATION vs. FREQUENCY
AT DIFFERNET DITHER AMPLITUDES
fOUT = 33.3MHz
RBW = 120kHz
CENTER DITHER
0%
1%
2%
4%
8dB
11dB
14dB
toc08
6.5
7
7.5
8
8.5
9
9.5
10
-40
10
60
110
TEMPERATURE (°C)
SUPPLY CURRENT vs. TEMPERATURE
VCC = 3.3V
VCC = 3.6V
VCC = 3.0V
fOUT = 66MHz
toc01
-1.75
-1.25
-0.75
-0.25
0.25
0.75
1.25
1.75
-40
10
60
110
TEMPERATURE (°C)
FREQUENCY VARIATION
vs. TEMPERATURE
VCC = 3.3V
NO DITHER
fOUT = 66MHz
fOUT= 200kHz
toc02
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
3
3.2
3.4
3.6
VCC (V)
FREQUENCY VARIATION
vs. VOLTAGE
NO DITHER
fOUT = 66MHz
fOUT = 200kHz
toc03
Maxim Integrated │ 4
www.maximintegrated.com
MAX31091
Automotive Temperature Range
Spread-Spectrum EconOscillator™



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com