Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTCVCF-100J Datasheet(PDF) 1 Page - Central Technologies

Part # CTCVCF-100J
Description  Power Coated Inductors - Axial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCVCF-100J Datasheet(HTML) 1 Page - Central Technologies

  CTCVCF-100J Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2018 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 09.17.18
Power Coated Inductors - Axial
www.ctparts.com
CTCVCF
Series
From 10µH to 100,000µH
SPECIFICATIONS
Please specify inductance tolerance when ordering.
CTCVCF-100_
J = ±5%, K = ±10%, M = ±20%
Rated DC Current
Test
Test Freq.
DCR
SRF
IRATE
ISAT
Part
Inductance
Freq.
Q
Q
Max.
Min.
Max.
Max.
Number
(µH)
(kHz)
Min.
(kHz)
(Ω)
(MHz)
(mA)
(mA)
CTCVCF-100_
10
1000
55
2520
0.09
38
2900
4600
CTCVCF-120_
12
100
55
2520
0.13
36
2250
3800
CTCVCF-330_
33
100
35
2520
0.16
5.2
1980
2550
CTCVCF-470_
47
100
30
2520
0.18
4.8
1800
2100
CTCVCF-680_
68
100
20
2520
0.25
3.8
1620
1790
CTCVCF-101_
100
100
40
796
0.62
2.5
1060
1490
CTCVCF-151_
150
100
35
796
0.80
2.0
960
1210
CTCVCF-221_
220
100
35
796
1.2
1.60
690
900
CTCVCF-331_
330
100
25
796
1.4
1.40
630
735
CTCVCF-391_
390
100
25
796
1.6
1.30
590
675
CTCVCF-471_
470
100
20
796
1.8
1.20
550
630
CTCVCF-561_
560
100
15
796
2.3
1.06
525
610
CTCVCF-681_
680
100
15
796
2.6
0.92
500
590
CTCVCF-821_
820
100
70
252
4.2
0.72
448
550
CTCVCF-102_
1000
100
70
252
4.2
0.72
400
490
CTCVCF-122_
1200
100
70
252
5.5
0.68
350
448
CTCVCF-152_
1500
100
70
252
6.0
0.65
320
400
CTCVCF-182_
1800
100
70
252
6.0
0.65
300
410
CTCVCF-222_
2200
100
65
252
10
0.50
250
340
CTCVCF-272_
2700
100
50
252
12
0.42
243
298
CTCVCF-332_
3300
100
50
252
12
0.42
220
270
CTCVCF-392_
3900
100
30
252
18
0.29
200
245
CTCVCF-472_
4700
100
30
252
18
0.31
200
220
CTCVCF-562_
5600
10
30
252
23
0.30
160
200
CTCVCF-682_
6800
10
25
252
26
0.29
150
180
CTCVCF-822_
8200
10
60
79.6
35
0.22
135
165
CTCVCF-103_
10000
10
60
79.6
40
0.20
120
150
CTCVCF-123_
12000
10
55
79.6
63
0.17
112
134
CTCVCF-153_
15000
10
55
79.6
63
0.17
100
120
CTCVCF-183_
18000
10
50
79.6
90
0.16
86
110
CTCVCF-223_
22000
10
50
79.6
100
0.15
82
100
CTCVCF-273_
27000
10
50
79.6
130
0.14
75
95
CTCVCF-333_
33000
10
50
79.6
130
0.14
67
85
CTCVCF-473_
47000
10
30
25.2
220
0.09
53
73
CTCVCF-683_
68000
10
25
25.2
270
0.08
49
59
CTCVCF-104_
100000
10
20
25.2
490
0.06
34
45
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: Axial leaded clear varnish coated inductor
Applications: Communications, electronic household
appliances, entertainment electronics, and lighting devices
Operating Temperature: -55°C to +125°C
Inductance Tolerance: ±5%, ±10%, ±20%
Testing: Inductance and Q are tested on HP4284A at specified
frequency. Inductance measured at 1V with no DC current
Current Rating: At 85°C ambient -40°C rise
Power Dissapation: At 85°C -.55 watts
Marking: EIA 4 band color code
Packaging: Tape & Reel, 1000pcs per reel
Miscellaneous: RoHS Compliant
Samples available. See website for ordering information.
A
C
B
22 AWG
A
B
C
Max.
Max.
Min.
16.0
6.0
25.00
0.630
0.236
0.984
Size
mm
inches


Similar Part No. - CTCVCF-100J

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
logo
ITT Industries
CTC ITT-CTC Datasheet
56Kb / 2P
Brand: Cannon Product Category: Trident Product Line: Trident
CTC 16 WAY PLUG BLACK ITT-CTC 16 WAY PLUG BLACK Datasheet
56Kb / 2P
Brand: Cannon Product Category: Trident Product Line: Trident
logo
Infinite Electronics In...
CTC-1 L-COM-CTC-1 Datasheet
66Kb / 1P
CA TWIN BNC M/M 78 OHM
09/24/01
CTC-1 L-COM-CTC-1 Datasheet
66Kb / 1P
CA TWIN BNC M/M 78 OHM
09/24/01
More results

Similar Description - CTCVCF-100J

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AC20-R027M-RC ALLIED-AC20-R027M-RC Datasheet
932Kb / 1P
Axial Coated Inductors
AC40-122K-RC ALLIED-AC40-122K-RC Datasheet
824Kb / 1P
Axial Coated Inductors
AC20-R027M-RC ALLIED-AC20-R027M-RC_10 Datasheet
937Kb / 1P
Axial Coated Inductors
AC30-R10K-RC ALLIED-AC30-R10K-RC_10 Datasheet
1,003Kb / 1P
Axial Coated Inductors
AC40-122K-RC ALLIED-AC40-122K-RC_10 Datasheet
898Kb / 1P
Axial Coated Inductors
AC80-1R0K-RC ALLIED-AC80-1R0K-RC Datasheet
1Mb / 1P
Axial Coated Inductors
AC20 ALLIED-AC20 Datasheet
969Kb / 1P
Axial Coated Inductors
AC30 ALLIED-AC30 Datasheet
967Kb / 1P
Axial Coated Inductors
AC40 ALLIED-AC40 Datasheet
864Kb / 1P
Axial Coated Inductors
AC35 ALLIED-AC35 Datasheet
1Mb / 2P
Axial Coated Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com