Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTDAS1013F Datasheet(PDF) 1 Page - Central Technologies

Part # CTDAS1013F
Description  Power Inductor for Digital Amplifier - Shielded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDAS1013F Datasheet(HTML) 1 Page - Central Technologies

  CTDAS1013F Datasheet HTML 1Page - Central Technologies CTDAS1013F Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 04.19.17
Power Inductor for Digital Amplifier - Shielded
www.ctparts.com
CTDAS1013F
Series
From 6.8µH to 22µH
SPECIFICATIONS
*Isat: Value of inductance decrease within 20%
**Irms: A rise in temperature of core surface is within 40°C
Inductance
Test
DCR
*Isat(A)
**Irms(A)
Part
±20%
Freq.
Nom.(Max.)
Drop
Rise
Number
(µH)
(kHz)
(mΩ)
≤20%
≤40
°C
CTDAS1013F-6R8M
6.80
1.0
12.70(15.20)
11.00
6.50
CTDAS1013F-8R2M
8.20
1.0
13.80(16.50)
10.00
5.80
CTDAS1013F-100M
10.00
1.0
19.50(23.40)
8.60
5.00
CTDAS1013F-120M
12.00
1.0
20.80(25.00)
7.30
5.00
CTDAS1013F-150M
15.00
1.0
20.80(25.00)
5.70
5.00
CTDAS1013F-180M
18.00
1.0
20.80(25.00)
4.60
5.00
CTDAS1013F-220M
22.00
1.0
20.80(25.00)
3.50
5.00
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD Inductors for Class D
Features:
•
Magnetic shielded structure, excellent resistance to electro-
magnetic interference.
•
Sturdy contruction.
•
Low magnetic loss, low ESR, small parasitic capacitance.
•
Closed magnetic circuit, super low buzzing, high density
mount.
•
The temperature rise of current and rated current less influ-
enced by the environment.
Applications: TV and monitor, AV amplifier, video game console,
power supply, navigation equipment, audio applications, etc.
Operating Temperature: -55°C to +125°C
Inductance Tolerance: ±20%
Testing: Inductance at 1.0kHz, 1.0V
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
Side View A
Side View B
Top View
Bottom View
Marking
Code
10.0±0.5
10.5
Max.
13.0±0.5
1.2
9.0
6.4
1.9
Connection
(Bottom View)
14.0
3.1
2.4
10.0
5.2
7.8
Unit: mm
Unit: mm


Similar Part No. - CTDAS1013F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDAS1065F CT-CTDAS1065F Datasheet
292Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAS1065F-100M CT-CTDAS1065F-100M Datasheet
292Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAS1065F-120M CT-CTDAS1065F-120M Datasheet
292Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAS1065F-150M CT-CTDAS1065F-150M Datasheet
292Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAS1065F-180M CT-CTDAS1065F-180M Datasheet
292Kb / 2P
Power Inductor for Digital Amplifier - Shielded
More results

Similar Description - CTDAS1013F

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
SHIELDED POWER INDUCTOR
logo
Central Technologies
CTDAS0910AF CT-CTDAS0910AF Datasheet
342Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAS0910BF CT-CTDAS0910BF Datasheet
394Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAS1065F CT-CTDAS1065F Datasheet
292Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT1415F CT-CTDAT1415F Datasheet
192Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT1623F CT-CTDAT1623F Datasheet
771Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT1715F CT-CTDAT1715F Datasheet
284Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT2315F CT-CTDAT2315F Datasheet
196Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT3119F CT-CTDAT3119F Datasheet
234Kb / 2P
Power Inductor for Digital Amplifier - Shielded
CTDAT1326F CT-CTDAT1326F Datasheet
200Kb / 2P
Power Inductor for Digital Amplifier - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com